Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC1G86SE-7 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce 74AHC1G86SE-7
Description  SINGLE 2 INPUT EXCLUSIVE-OR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G86SE-7 Fiches technique(HTML) 1 Page - Diodes Incorporated

  74AHC1G86SE-7 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G86SE-7 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G86SE-7 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G86SE-7 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G86SE-7 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G86SE-7 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G86SE-7 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G86SE-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74AHC1G86
SINGLE 2 INPUT EXCLUSIVE-OR GATE
74AHC1G86
Document number: DS35175 Rev.1 - 2
1 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Description
The 74AHC1G86 is a single 2-input positive exclusive-OR
gate with a standard push-pull output. The device is designed
for operation with a power supply range of 2.0V to 5.5V. The
gate performs the positive Boolean function:
B
A
Y
=
or
B
A
B
A
Y
+
=
Pin Assignments
SOT25 / SOT353
A
GND
Y
Vcc
(Top View)
5
4
3
2
1
B
Features
Supply Voltage Range from 2.0V to 5.5V
± 8 mA Output Drive at 5.0V
CMOS low power consumption
Schmitt Trigger Action at All Inputs Make the Circuit
Tolerant for Slower Input Rise and Fall Time.
ESD Protection per JESD 22
o
Exceeds 200-V Machine Model (A115-A)
o
Exceeds 2000-V Human Body Model (A114-A)
o
Exceeds 1000-V Charged Device Model (C101C)
Latch-Up Exceeds 100mA per JESD 78, Class II
SOT25 and SOT353: Assembled with “Green” Molding
Compound (no Br, Sb)
Lead Free Finish / RoHS Compliant (Note 1)
Applications
General Purpose Logic
Wide array of products such as:
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Numéro de pièce similaire - 74AHC1G86SE-7

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
74AHC1G86 NXP-74AHC1G86 Datasheet
80Kb / 12P
   2-input EXCLUSIVE-OR gate
ev. 05-4 July 2007
logo
Nexperia B.V. All right...
74AHC1G86 NEXPERIA-74AHC1G86 Datasheet
211Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 6 - 11 January 2022
74AHC1G86-Q100 NEXPERIA-74AHC1G86-Q100 Datasheet
686Kb / 13P
   2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AHC1G86GV PHILIPS-74AHC1G86GV Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
More results

Description similaire - 74AHC1G86SE-7

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com