Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC1G126 Fiches technique(PDF) 5 Page - Diodes Incorporated

No de pièce 74AHC1G126
Description  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G126 Fiches technique(HTML) 5 Page - Diodes Incorporated

  74AHC1G126 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G126 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G126 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G126 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G126 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G126 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G126 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G126 Datasheet HTML 8Page - Diodes Incorporated 74AHC1G126 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74AHC1G126
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126
Document number: DS35177 Rev. 1 - 2
5 of 9
www.diodes.com
March 2011
© Diodes Incorporated
Switching Characteristics
VCC = 3.3V ± 0.3 (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
25ºC
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
tpd
A
Y
CL=15pF
0.6
4.4
8.0
0.6
9.5
0.6
10.0
ns
CL=50pF
0.6
6.3
11.5
0.6
13.0
0.6
14.5
ns
ten
OE
Y
CL=15pF
0.6
4.9
8.0
0.6
9.5
0.6
10.0
ns
CL=50pF
0.6
7.0
11.5
0.6
13.0
0.6
14.5
ns
tdis
OE
Y
CL=15pF
0.6
6.3
9.7
0.6
11.5
0.6
12.5
ns
CL=50pF
0.6
9.0
13.2
0.6
15.0
0.6
16.5
ns
VCC = 5V ± 0.5V (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
25ºC
-40 ºC to 85 ºC
-40 ºC to 125 ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
tpd
A
Y
CL=15pF
0.6
3.4
5.5
0.6
6.5
0.6
7.0
ns
CL=50pF
0.6
4.7
7.5
0.6
8.5
0.6
9.5
ns
ten
OE
Y
CL=15pF
0.6
3.6
5.6
0.6
6.3
0.6
7.0
ns
CL=50pF
0.6
5.4
8.0
0.6
9.0
0.6
9.5
ns
tdis
OE
Y
CL=15pF
0.6
4.3
6.8
0.6
8.0
0.6
8.5
ns
CL=50pF
0.6
6.1
8.8
0.6
10.0
0.6
11.0
ns
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
VCC = 5 V
Unit
Typ.
Cpd
Power dissipation capacitance
f = 1 MHz
No Load
12
pF


Numéro de pièce similaire - 74AHC1G126

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74AHC1G126 NXP-74AHC1G126 Datasheet
103Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 07-17 June 2009
logo
Nexperia B.V. All right...
74AHC1G126 NEXPERIA-74AHC1G126 Datasheet
248Kb / 15P
   Bus buffer/line driver; 3-state
Rev. 10 - 11 January 2022
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Texas Instruments
74AHC1G126DBVRE4 TI1-74AHC1G126DBVRE4 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Description similaire - 74AHC1G126

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com