Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC1G04W5-7 Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce 74AHC1G04W5-7
Description  SINGLE INVERTER GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G04W5-7 Fiches technique(HTML) 3 Page - Diodes Incorporated

  74AHC1G04W5-7 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G04W5-7 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G04W5-7 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G04W5-7 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G04W5-7 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G04W5-7 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G04W5-7 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G04W5-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74AHC1G04
SINGLE INVERTER GATE
74AHC1G04
Document number: DS35171 Rev. 1 - 2
3 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to 6.5
V
VI
Input Voltage Range
-0.5 to 6.5
V
Vo
Voltage applied to output in high or low state
-0.5 to VCC +0.5
V
IIK
Input Clamp Current VI<0
-20
mA
IOK
Output Clamp Current (VO < 0 or VO > VCC)
±20
mA
IO
Continuous output current (VO = 0 to VCC)
±25
mA
ICC
Continuous current through VCC
50
mA
IGND
Continuous current through GND
-50
mA
TJ
Operating Junction Temperature
-40 to 150
°C
TSTG
Storage Temperature
-65 to 150
°C
Notes:
2. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values.
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
2
5.5
V
VIH
High-level Input Voltage
VCC = 2V
1.5
V
VCC = 3V
2.1
VCC = 5.5V
3.85
VIL
Low-level input voltage
VCC = 2V
0.5
V
VCC = 3V
0.9
VCC = 5.5V
1.65
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
IOH
High-level output current
VCC = 2V
-50
uA
VCC = 3.3V ± 0.3V
-4
mA
VCC = 5V ± 0.5V
-8
IOL
Low-level output current
VCC = 2V
50
uA
VCC = 5V ± 0.5V
4
mA
VCC = 3V
8
Δt/ΔV
Input transition rise or fall
rate
VCC = 3.3V ± 0.3V
100
ns/V
VCC = 5V ± 0.5V
20
TA
Operating free-air
temperature
-40
125
ºC
Notes:
3. Unused inputs should be held at VCC or Ground.


Numéro de pièce similaire - 74AHC1G04W5-7

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC1G04 PHILIPS-74AHC1G04 Datasheet
76Kb / 16P
   Inverter
2003 Sep 04
logo
Nexperia B.V. All right...
74AHC1G04 NEXPERIA-74AHC1G04 Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
74AHC1G04-Q100 NEXPERIA-74AHC1G04-Q100 Datasheet
201Kb / 11P
   The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V
74AHC1G04GM NEXPERIA-74AHC1G04GM Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
logo
NXP Semiconductors
74AHC1G04GV PHILIPS-74AHC1G04GV Datasheet
76Kb / 16P
   Inverter
2003 Sep 04
More results

Description similaire - 74AHC1G04W5-7

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com