Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC866428B Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC866428B
Description  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866428B Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC866428B Datasheet HTML 1Page - Sanyo Semicon Device LC866428B Datasheet HTML 2Page - Sanyo Semicon Device LC866428B Datasheet HTML 3Page - Sanyo Semicon Device LC866428B Datasheet HTML 4Page - Sanyo Semicon Device LC866428B Datasheet HTML 5Page - Sanyo Semicon Device LC866428B Datasheet HTML 6Page - Sanyo Semicon Device LC866428B Datasheet HTML 7Page - Sanyo Semicon Device LC866428B Datasheet HTML 8Page - Sanyo Semicon Device LC866428B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LC866448B/44B/40B/36B/32B/28B/24B/20B/16B/12B/08B
No.6699-3/21
(8) Timer
- Timer 0
16-bit timer/counter
2-bit prescaler + 8-bit programmable prescaler
Mode 0 : Two 8-bit timers with programmable prescaler
Mode 1 : 8-bit timer with programmable prescaler + 8-bit counter
Mode 2 : 16-bit timer with programmable prescaler
Mode 3 : 16-bit counter
The resolution of Timer is tCYC. (tCYC: cycle time)
- Timer 1
16-bit timer/PWM
Mode 0 : Two 8-bit timers
Mode 1 : 8-bit timer + 8-bit PWM
Mode 2 : 16-bit timer
Mode 3 : Variable-bit PWM (9-16 bits)
In Mode 0 and Mode 1,the resolution of Timer and PWM is tCYC.
In Mode 2 and Mode 3,the resolution of Timer and PWM selectable: tCYC or 1/2 tCYC by program
- Base timer
Every 500ms overflow system for a clock application (using 32.768kHz crystal oscillation for Base timer clock)
Every 976µs, 3.9ms, 15.6ms, 62.5ms overflow system (using 32.768kHz crystal oscillation for Base timer clock)
The Base timer clock selectable; 32.768kHz crystal oscillation, System clock, and programmable prescaler output of
Timer 0
(9) Buzzer output
- The Buzzer sound frequency selectable; 4KHz, 2KHz (using 32.768kHz crystal oscillation for Base
timer clock)
(10) Remote-control receiver circuit (Shares with the P73/INT3/T0IN terminal)
- Noise Rejection function (the time constant of noize rejection filter: 1tCYC/16tCYC/64tCYC)
(tCYC: instruction cycle time)
- Switch Polarity function
(11) Watchdog timer
- The watchdog timer is taken on RC outside
- Watchdog timer operation selectable: interrupt system, system reset
(12) Interrupt system
- 14-source 10-vectored interrupts :
1. External interrupt INT0 (include watchdog timer)
2. External interrupt INT1
3. External interrupt INT2, Timer/counter T0L (Lower 8-bit)
4. External interrupt INT3, Base timer
5. Timer/counter T0H (Upper 8-bit)
6. Timer T1L, Timer T1H
7. Serial-interface SIO0
8. Serial-interface SIO1
9. AD converter
10. VFD automatic display controller, Port 0
- Built-in Interrupt Priority control register
Microcontroller allows 3 levels of interrupt; low level, high level, and highest level of multiplex interrupt. It can
specify a low level or a high level interrupt priority from INT2/T0L through port 0
(i.e. the above interrupt number from three through ten). It can also specify a low level or the highest level interrupt
priority to INT0 and INT1.


Numéro de pièce similaire - LC866428B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC866428 SANYO-LC866428 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866428 SANYO-LC866428 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866428A SANYO-LC866428A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
More results

Description similaire - LC866428B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com