Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC866432B Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LC866432B
Description  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866432B Fiches technique(HTML) 8 Page - Sanyo Semicon Device

Back Button LC866432B Datasheet HTML 4Page - Sanyo Semicon Device LC866432B Datasheet HTML 5Page - Sanyo Semicon Device LC866432B Datasheet HTML 6Page - Sanyo Semicon Device LC866432B Datasheet HTML 7Page - Sanyo Semicon Device LC866432B Datasheet HTML 8Page - Sanyo Semicon Device LC866432B Datasheet HTML 9Page - Sanyo Semicon Device LC866432B Datasheet HTML 10Page - Sanyo Semicon Device LC866432B Datasheet HTML 11Page - Sanyo Semicon Device LC866432B Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LC866448B/44B/40B/36B/32B/28B/24B/20B/16B/12B/08B
No.6699-8/21
Pin name
I/O
Function description
Option
PORT8
P80 to 87
I
•8-bit input port
•Other function
AD input port (8 Port pins)
-
S0/T0 to
S6/T6
O
Output for VFD display controller
segment/timing in common
Pull-down resistor :
Provided/Not provided (each nibble)
S7/T7 to
S15/T15
O
•Output for VFD display controller
segment/timing with internal pull-down resistor in
common
•Internal pull-down resistor output
S16 to S31
I/O
•Output for VFD display controller segment
•Other function
S16 : High voltage input port PC0
S17 : High voltage input port PC1
S18 : High voltage input port PC2
S19 : High voltage input port PC3
S20 : High voltage input port PC4
S21 : High voltage input port PC5
S22 : High voltage input port PC6
S23 : High voltage input port PC7
S24 : High voltage input port PD0
S25 : High voltage input port PD1
S26 : High voltage input port PD2
S27 : High voltage input port PD3
S28 : High voltage input port PD4
S29 : High voltage input port PD5
S30 : High voltage input port PD6
S31 : High voltage input port PD7
Pull-down resistor :
Provided/Not provided (each nibble)
S32 to S37
I/O
•Output for VFD display controller Segment
•Other function
S32 : High voltage I/O port PE0
S33 : High voltage I/O port PE1
S34 : High voltage I/O port PE2
S35 : High voltage I/O port PE3
S36 : High voltage I/O port PE4
S37 : High voltage I/O port PE5
Pull-down resistor :
Provided/Not provided (each nibble)
RES
I
Reset pin
-
XT1/ P74
I
•Input pin for 32.768kHz crystal oscillation
•Other function
P74 for input port
•In case of non use, connect to VDD1.
-
XT2/P75
O
•Output pin for 32.768kHz crystal oscillation
•Other function
P75 for input port
•In case of non use,
At using as oscillator, should be left opened.
At using as a port, connect to VDD1.
-
CF1
I
Input pin for the ceramic resonator oscillation
-
CF2
O
Output pin for the ceramic resonator oscillation
-
*
All of port options (except pull-up resistor of port 0) can be specified in bit unit.


Numéro de pièce similaire - LC866432B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC866432 SANYO-LC866432 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866432 SANYO-LC866432 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866432A SANYO-LC866432A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866432A SANYO-LC866432A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
More results

Description similaire - LC866432B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com