Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC868116 Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LC868116
Description  8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC868116 Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LC868116 Datasheet HTML 3Page - Sanyo Semicon Device LC868116 Datasheet HTML 4Page - Sanyo Semicon Device LC868116 Datasheet HTML 5Page - Sanyo Semicon Device LC868116 Datasheet HTML 6Page - Sanyo Semicon Device LC868116 Datasheet HTML 7Page - Sanyo Semicon Device LC868116 Datasheet HTML 8Page - Sanyo Semicon Device LC868116 Datasheet HTML 9Page - Sanyo Semicon Device LC868116 Datasheet HTML 10Page - Sanyo Semicon Device LC868116 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LC868116/12/08A
No.6724-7/28
Pad Name and coordinates table
Coordinates
Coordinates
Coordinates
Pad
No.
Name
X
µm
Y
µm
Pad
No.
Name
X
µm
Y
µm
Pad
No.
Name
X
µm
Y
µm
1
VDD
-2240
2236
47
S46
-700
-2875
93
P16
2240
960
2
S1
-2240
2100
48
S47
-565
-2875
94
P17
2240
1096
3
S2
-2240
1965
49
S48
-429
-2875
95
P57
2240
1231
4
S3
-2240
1829
50
C16
-293
-2875
96
P56
2240
1367
5
S4
-2240
1694
51
C15
-158
-2875
97
P55
2240
1502
6
S5
-2240
1558
52
C14
-22
-2875
98
P54
2240
1638
7
S6
-2240
1422
53
C13
113
-2875
99
P53
2240
1774
8
S7
-2240
1287
54
C12
249
-2875
100
P52
2240
1909
9
S8
-2240
1151
55
C11
385
-2875
101
P51
2240
2045
10
S9
-2240
1016
56
C10
520
-2875
102
P50
2240
2180
11
S10
-2240
880
57
C9
656
-2875
103
VDD
2123
2875
12
S11
-2240
744
58
C8
791
-2875
104
P30
1987
2875
13
S12
-2240
609
59
C7
927
-2875
105
P31
1852
2875
14
S13
-2240
473
60
C6
1063
-2875
106
P32
1716
2875
15
S14
-2240
338
61
C5
1198
-2875
107
P33
1581
2875
16
S15
-2240
202
62
C4
1334
-2875
108
P34
1445
2875
17
S16
-2240
66
63
C3
1469
-2875
109
P35
1309
2875
18
S17
-2240
-69
64
C2
1605
-2875
110
P36
1174
2875
19
S18
-2240
-205
65
C1
1741
-2875
111
P37
1038
2875
20
S19
-2240
-340
66
V1
1876
-2875
112
P00
903
2875
21
S20
-2240
-476
67
V2
2012
-2875
113
P01
767
2875
22
S21
-2240
-612
68
V3
2147
-2875
114
P02
631
2875
23
S22
-2240
-747
69
V4
2283
-2875
115
P03
496
2875
24
S23
-2240
-883
70
V5
2240
-2479
116
P04
360
2875
25
S24
-2240
-1018
71
VLCD
2240
-2344
117
P05
225
2875
26
S25
-2240
-1154
72
VOUT2
2240
-2208
118
P06
89
2875
27
S26
-2240
-1290
73
CUP2
2240
-2072
119
P07
-47
2875
28
S27
-2240
-1425
74
CUP1
2240
-1937
120
P20
-182
2875
29
S28
-2240
-1561
75
VSS
2240
-1481
121
P21
-318
2875
30
S29
-2240
-1696
76
P40
2240
-1345
122
P22
-453
2875
31
S30
-2240
-1832
77
P41
2240
-1210
123
P23
-589
2875
32
S31
-2240
-1968
78
P42
2240
-1074
124
P24
-725
2875
33
S32
-2240
-2103
79
P43
2240
-938
125
P25
-860
2875
34
S33
-2240
-2239
80
P44
2240
-803
126
P26
-996
2875
35
S34
-2240
-2374
81
P46
2240
-667
127
P27
-1131
2875
36
S35
-2192
-2875
82
P47
2240
-532
128
ADLC
-1267
2875
37
S36
-2056
-2875
83
P70
2240
-396
129
EROE
-1403
2875
38
S37
-1921
-2875
84
P71
2240
-260
130
RES
-1538
2875
39
S38
-1785
-2875
85
P72
2240
-125
131
XT1
-1674
2875
40
S39
-1649
-2875
86
P73
2240
11
132
XT2
-1809
2875
41
S40
-1514
-2875
87
P10
2240
146
133
VSS
-1945
2875
42
S41
-1378
-2875
88
P11
2240
282
134
CF1
-2081
2875
43
S42
-1243
-2875
89
P12
2240
418
135
CF2
-2216
2875
44
S43
-1107
-2875
90
P13
2240
553
45
S44
-971
-2875
91
P14
2240
689
46
S45
-836
-2875
92
P15
2240
824
The values (X, Y) indicate the coordinates of each pad center with the center of the chip as the origin.
Connect the substrate of chip to VSS or open.


Numéro de pièce similaire - LC868116

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC868008A SANYO-LC868008A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868012A SANYO-LC868012A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868016A SANYO-LC868016A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
More results

Description similaire - LC868116

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com