Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC865628A Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LC865628A
Description  8-Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865628A Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LC865628A Datasheet HTML 1Page - Sanyo Semicon Device LC865628A Datasheet HTML 2Page - Sanyo Semicon Device LC865628A Datasheet HTML 3Page - Sanyo Semicon Device LC865628A Datasheet HTML 4Page - Sanyo Semicon Device LC865628A Datasheet HTML 5Page - Sanyo Semicon Device LC865628A Datasheet HTML 6Page - Sanyo Semicon Device LC865628A Datasheet HTML 7Page - Sanyo Semicon Device LC865628A Datasheet HTML 8Page - Sanyo Semicon Device LC865628A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LC865632/28/24/20/16/12/08A
No.6698-2/20
(4) Ports
- Input / output ports
: 6 ports
(42 terminals)
Input/output port programmable in nibble units
: 1 port
(8 terminals)
(When the N-channel open drain output is selected, the data in a bit can be inputted.)
Input/output port programmable in a bit
: 5 ports
(34 terminals)
Include 15V withstand N-channel open drain output port
: 3 ports
(18 terminals)
- Input ports
: 2 ports
(13 terminals)
(5) AD converter
- 8 channels
× 8-bit AD converters
(6) Serial-interface
- Two 8-bit serial-interface circuits
LSB first / MSB first function available
- Internal 8-bit baud-rate generator in common with two serial-interface circuits
(7) Timers
- Timer0
16-bit timer / counter
2-bit prescaler + 8-bit programmable prescaler
Mode 0 :
Two 8-bit timers with programmable prescaler
Mode 1 :
8-bit timer with a programmable prescaler + 8-bit counter
Mode 2 :
16-bit timer with a programmable prescaler
Mode 3 :
16-bit counter
The resolution of Timer is 1 tCYC. (tCYC : cycle time)
- Timer 1
16-bit timer / PWM
Mode 0 :
Two 8-bit timers
Mode 1 :
8-bit timer + 8-bit PWM
Mode 2 :
16-bit timer
Mode 3 :
Variable-bit PWM (9-16 bits)
In Mode 0 and Mode 1, the resolution of Timer and PWM is tCYC.
In Mode 2 and Mode 3, the resolution of Timer and PWM selectable ; tCYC or 1/2tCYC by program
- Base timer
Every 500ms overflow system for a clock application (using 32.568kHz crystal oscillation for Base timer clock)
Every 976
µs, 3.9ms, 15.6ms, 62.5ms overflow system (using 32.568kHz crystal oscillation for Base timer clock)
The Base timer clock selectable ; 32.568kHz crystal oscillation, System clock, and programmable prescaler output of
Timer 0
(8) Buzzer output
- The Buzzer sound frequency selectable ; 4KHz, 2KHz (using 32.568kHz crystal oscillation for Base timer clock)
(9) Remote control receiver circuit (Shares with the P73/INT3/T0IN terminal)
- Noise rejection function
- Switch polarity function
(10) Watchdog timer
- The watchdog timer is taken on RC outside
- Watchdog timer operation selectable : interrupt system, system reset


Numéro de pièce similaire - LC865628A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC865628 SANYO-LC865628 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC865628 SANYO-LC865628 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Description similaire - LC865628A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com