Moteur de recherche de fiches techniques de composants électroniques |
|
LC863348A Fiches technique(PDF) 8 Page - Sanyo Semicon Device |
|
LC863348A Fiches technique(HTML) 8 Page - Sanyo Semicon Device |
8 / 20 page LC863364/56/48/40A No.6696-8/20 Terminal I/O Function Description Option Port 7 •4-bit input/output port Input or output can be specified for each bit •Other function P70 P71 P72 P73 INT0 input/HOLD release input/ Nch-Tr. output for wachdog timer INT1 input/HOLD release input INT2 input/Timer 0 event input INT3 input (noise rejection filter connected)/ Timer 0 event input Interrupt receiver format, vector addresses rising falling rising/ falling H level L level vector INT0 enable enable disable enable enable 03H INT1 enable enable disable enable enable 0BH INT2 enable enable enable disable disable 13H P70 P71 - P73 I/O INT3 enable enable enable disable disable 1BH Port 8 P83 I P84-P87 I/O •1-bit input port 4-bit input/output port Input or output can be specified for each bit •Other function AD converter input port (5 lines) NC - unused terminal Leave open • Output form and existance of pull-up resistor for all ports can be specified for each bit. • Programmable pull-up resistor is always connected regardless of port option, CMOS or N-ch open drain output in port 1. • Port status in reset Terminal I/O Pull-up resistor status at selecting pull-up option Port 0 I Pull-up resistor OFF, ON after reset release Port 1 I Programmable pull-up resistor OFF |
Numéro de pièce similaire - LC863348A |
|
Description similaire - LC863348A |