Moteur de recherche de fiches techniques de composants électroniques |
|
LC78835 Fiches technique(PDF) 2 Page - Sanyo Semicon Device |
|
LC78835 Fiches technique(HTML) 2 Page - Sanyo Semicon Device |
2 / 14 page Specifications Absolute Maximum Ratings at Ta = 25°C, VSS = 0°C Allowable Operating Ranges DC Characteristics at Ta = –30 to +75°C, VDD = 3.5 to 5.5 V, VSS = 0 V Note: * 3, 4, 5, 6, 7, 11, 13, 14, 15, 16, 17 and 18 pin AC Characteristics at Ta = –30 to +75°C, VDD = 3.5 to 5.5 V, VSS = 0 V No. 4624-2/14 LC78835K, 78835KM Parameter Symbol Conditions Ratings Unit Maximum supply voltage VDD max –0.3 to + 7.0 V Input voltage VIN –0.3 to VDD + 0.3 V Output voltage VOUT –0.3 to VDD + 0.3 V Operating temperature Topr –30 to + 75 °C Storage temperature Tstg –40 to + 125 °C Parameter Symbol Conditions Ratings Unit min typ max Supply voltage VDD 3.5 5.0 5.5 V Reference voltage high Vref H VDD – 0.3 VDD V Reference voltage low Vref L 0 0.3 V Operating temperature Topr –30 +75 °C Parameter Symbol Conditions Ratings Unit min typ max Input high level voltage (1) VIH1 3, 4, 5, 6, 7, 13, 14, 15, 16, 17 and 18 pin 2.2 V Input low level voltage (1) VIL1 3, 4, 5, 6, 7, 13, 14, 15, 16, 17 and 18 pin 0.8 V Input high level voltage (2) VIH2 11 pin 0.7VDD V Input low level voltage (2) VIL2 11 pin 0.3VDD V Output high level voltage VOH 9 pin: IOH = –3 mA 2.4 V Output low level voltage VOL 9 pin: IOL = 3 mA 0.4 V Input leakage current IL *, VI = VSS, VDD –25 +25 µA Parameter Symbol Conditions Ratings Unit min typ max Oscillation frequency fX XIN pin for crystal oscillator 1.0 25 MHz Clock pulse width tCW With external clock input to other than XIN pin 18 ns Clock pulse phase tCY With external clock input to other than XIN pin 40 1000 ns BCLK pulse width tBCW 60 ns BCLK pulse phase tBCY 120 ns Data setup time tDS 40 ns Data hold time tDH 40 ns LRCK setup time tLRS 40 ns LRCK hold time tLRH 40 ns |
Numéro de pièce similaire - LC78835 |
|
Description similaire - LC78835 |