Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LC78833M Datasheet(Fiches technique) 2 Page - Sanyo Semicon Device

Numéro de pièce LC78833M
Description  Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo 

LC78833M Datasheet(HTML) 2 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Allowable Operating Ranges
Electrical Characteristics (1)
at Ta = 25°C, AVDD = DVDD = Vref H = 5.0 V, AGND = DGND = Vref L = 0 V, unless otherwise specified
Note: 1. Here, 0 dB means full scale.
2. Pin numbers in parentheses are for the LC78833V.
Electrical Characteristics (2)
at Ta = 25°C, AVDD = DVDD = Vref H = 3.0 V, AGND = DGND = Vref H = 0 V, unless otherwise specified
Note: 1. Here, 0 dB means full scale.
2. Pin numbers in parentheses are for the LC78833V.
No. 5212-2/11
LC78833M, 78833V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
3.0
5.0
5.5
V
Reference voltage (high)
Vref H
VDD – 0.3
VDD
V
Reference voltage (low)
Vref L
0
+0.3
V
Parameter
Symbol
Conditions
min
typ
max
Unit
D/A converter resolution
RES
16
Bit
Total harmonic distortion
THD
At 1 kHz and 0 dB*1
0.08
%
Dynamic range
DR
At 1 kHz, –60 dB
92
94
dB
Crosstalk
CT
At 1 kHz and 0 dB
–85
dB
Signal-to-noise ratio
S/N
JIS-A
96
100
dB
Full-scale output voltage
VFS
2.6
2.8
3.0
Vp-p
Power dissipation
Pd
At fs = 44.1 kHz
60
90
mW
Output load resistance
RL
Pins 1 and 20 (1 and 24)*2
5
k
Parameter
Symbol
Conditions
min
typ
max
Unit
D/A converter resolution
RES
16
Bit
Total harmonic distortion
THD
At 1 kHz and 0 dB*1
0.10
%
Dynamic range
DR
At 1 kHz, –60 dB
90
92
dB
Crosstalk
CT
At 1 kHz and 0 dB
–85
dB
Signal-to-noise ratio
S/N
JIS-A
94
98
dB
Full-scale output voltage
VFS
1.55
1.7
1.85
Vp-p
Power dissipation
Pd
At fs = 44.1 kHz
15
25
mW
Output load resistance
RL
Pins 1 and 20 (1 and 24)*2
30
k


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn