Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LC78833M Datasheet(Fiches technique) 1 Page - Sanyo Semicon Device

Numéro de pièce LC78833M
Description  Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo 

LC78833M Datasheet(HTML) 1 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ordering number : EN*5212
D3095HA (OT) No. 5212-1/11
Overview
The LC78833M and LC78833V are CMOS 16-bit D/A
converters with built-in 4
× oversampling digital filters.
Functions and Features
[Digital Filter Block]
•4
× oversampling filters: Two FIR filter stages (33rd and
ninth order)
• De-emphasis filter: Supports a 44.1 kHz sampling
frequency (fs).
[D/A Converter Block]
• Dynamic level shifting conversion 16-bit D/A converter
• D/A converters for two channels (synchronized outputs)
on a single chip
• On-chip output operational amplifiers
• System clock: 384fs
• 5-V single-voltage power supply
• Supports low-voltage operation (3.0 V)
• Implemented in a Si gate CMOS process for low power.
Package Dimensions
unit: mm
3036B-MFP20
unit: mm
3175A-SSOP24
Preliminary
SANYO: MFP20
[LC78833M]
SANYO: SSOP24
[LC78833V]
LC78833M, 78833V
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Digital Audio 16-Bit D/A Converter
with Built-In Digital Filters
CMOS LSI
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +7.0
V
Maximum input voltage
VIN max
–0.3 to VDD + 0.3
V
Maximum output voltage
VOUT max
–0.3 to VDD + 0.3
V
Operating temperature
Topr
–30 to +75
°C
Storage temperature
Tstg
–40 to +125
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn