Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LC78816MB Datasheet(Fiches technique) 1 Page - Sanyo Semicon Device

Numéro de pièce LC78816MB
Description  16-Bit D/A Converter for Use in Digital Audio Products
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo 

LC78816MB Datasheet(HTML) 1 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Overview
The LC78816MB and 78816MC are 16-bit CMOS D/A
converters for use in digital audio products. They employ
a dynamic level shift conversion technique that combines
a resistor string (for the upper 9 bits), PWM (for the
middle 3 bits), and level shifting (for the lower 4 bits).
Features
• Two’s complement data format
• Two D/A converter channels built in (in-phase outputs)
• Maximum conversion frequency of 400 kHz (support for
8 times oversampling)
• Built-in output op amps
• No deglitching circuit required
• Si gate CMOS process (low power consumption)
• 5 V single-voltage power supply
• Low voltage (3.5 V) operation possible
Package Dimensions
unit: mm
3036B-MFP20
CMOS LSI
63096HA (OT)/D1694TH(OT)/61893JN No. 4250-1/11
Preliminaly
SANYO: DIP20
[LC78816MB, 78816MC]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
16-Bit D/A Converter for Use in
Digital Audio Products
LC78816MB, 78816MC
Ordering number : EN*4250C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply voltage
VDD max
–0.3 to +7.0
V
Input voltage
VIN
–0.3 to VDD + 0.3
V
Output voltage
VOUT
–0.3 to VDD + 0.3
V
Operating temperature
Topr
–30 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Power supply voltage
VDD
3.5
5.0
5.5
V
Reference voltage high
VrefH
VDD – 0.3
VDD
V
Reference voltage low
VrefL
0
0.3
V
Operating temperature
Topr
–30
+75
°C
Allowable Operating Ranges


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn