Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD-700 Fiches technique(PDF) 12 Page - Vectron International, Inc

No de pièce CD-700
Description  Complete VCXO Based Phase Lock Loop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700 Fiches technique(HTML) 12 Page - Vectron International, Inc

Back Button CD-700_09 Datasheet HTML 4Page - Vectron International, Inc CD-700_09 Datasheet HTML 5Page - Vectron International, Inc CD-700_09 Datasheet HTML 6Page - Vectron International, Inc CD-700_09 Datasheet HTML 7Page - Vectron International, Inc CD-700_09 Datasheet HTML 8Page - Vectron International, Inc CD-700_09 Datasheet HTML 9Page - Vectron International, Inc CD-700_09 Datasheet HTML 10Page - Vectron International, Inc CD-700_09 Datasheet HTML 11Page - Vectron International, Inc CD-700_09 Datasheet HTML 12Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 12 of 12
Ordering Information
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
CD - 700 - D A E - K A N N - xxMxxxxxxx
Product Family
CD: Clock and Data Recovery
Package
700: 5.0 x 7.5 x 2.0mm
Input
D: 5.0 Vdc ±10%
E: 3.3 Vdc ±10%
Output
A: CMOS/HCMOS/ACMOS
Operating Temperature
E: -40 to 85 °C
T: 0 to 70 °C
Absolute Pull Range
K: ± 50 ppm
S: ± 100 ppm
Frequency (See Above)
Factory Use
Output 2 Divider
A: Divide by 2
B: Divide by 4
C: Divide by 8
D: Divide by 16
E: Divide by 32
F: Divide by 64
G: Divide by 128
H: Divide by 256
K: Disabled
Performance Options
N: Standard
A: Improved Phase Noise
Note: Not all combinations are available. Check with the factory for the optimum device configuration for your application
Rev: 30Mar2009


Numéro de pièce similaire - CD-700_09

FabricantNo de pièceFiches techniqueDescription
Vectron International, Inc
Vectron International, ...
CD-700-KAC-GAB-77.760 VECTRON-CD-700-KAC-GAB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
List of Unclassifed Manufacturers
List of Unclassifed Man...
CD-700-KAC-GAB-XX.XXX ETC1-CD-700-KAC-GAB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
Vectron International, Inc
Vectron International, ...
CD-700-KAC-GAC-77.760 VECTRON-CD-700-KAC-GAC-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAC-GAD-77.760 VECTRON-CD-700-KAC-GAD-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAC-GBB-77.760 VECTRON-CD-700-KAC-GBB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Description similaire - CD-700_09

FabricantNo de pièceFiches techniqueDescription
Vectron International, Inc
Vectron International, ...
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
List of Unclassifed Manufacturers
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
Vectron International, Inc
Vectron International, ...
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
List of Unclassifed Manufacturers
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
Fairchild Semiconductor
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
National Semiconductor (TI)
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
Fairchild Semiconductor
Fairchild Semiconductor
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz