Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC7851E Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC7851E
Description  QPSK Demodulation and Audio Signal-Processing IC for Satellite Broadcast Reception
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7851E Fiches technique(HTML) 6 Page - Sanyo Semicon Device

  LC7851E Datasheet HTML 1Page - Sanyo Semicon Device LC7851E Datasheet HTML 2Page - Sanyo Semicon Device LC7851E Datasheet HTML 3Page - Sanyo Semicon Device LC7851E Datasheet HTML 4Page - Sanyo Semicon Device LC7851E Datasheet HTML 5Page - Sanyo Semicon Device LC7851E Datasheet HTML 6Page - Sanyo Semicon Device LC7851E Datasheet HTML 7Page - Sanyo Semicon Device LC7851E Datasheet HTML 8Page - Sanyo Semicon Device LC7851E Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
No. 5691-6/9
LC7851E
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
–0.3 to +7.0
V
Input voltage
VI1
Pins other than SCL and SDA
–0.3 to VDD+0.3
V
VI2
SCL and SDA
–0.3 to +5.3
V
Output voltage
VO
–0.3 to VDD +0.3
V
Allowable power dissipation
Pd max
Ta = –20 to +75°C
360
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
4.5
5.0
5.5
V
Input high-level voltage
VIH
0.75 VDD
VDD
V
Input low-level voltage
VIL
0
0.25 VDD
V
QPSKI input voltage
VQPSKI
0.7
0.9
1.1
V
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
IDD
68
98
mA
VOH = VDD – 0.4 V ; VOH = VDD – 0.4 V,
IOH1
CMOS output pins:PHCNT, LOIN, MOD,
1.0
mA
DSTRO, FRM, ERR, CK2M, BSTRO, MUTO,
Output high-level current
DADO, REQ, SYCKO
IOH2
VOH = VCK5MH – 25 mV, CK5M
–350
–100
µA
VOL = 0.4 V ; CMOS output pins: PHCNT,
IOL1
LOIN, MOD, DSTRO, FRM, ERR, CK2M,
1.0
mA
BSTRO, MUTO, DADO, REQ, SYCKO
IOL2
VOL = 0.4 V, open drain output
1.0
mA
Output low-level current 1
Pin 1: P0 to P7
IOL3
VOL = 0.4 V, open drain output
4.0
mA
Pin 2: SDA
IOL4
VOL = VCK5ML + 25 mV, CK5M
100
350
µA
Output amplitude level
VCK5M
IOH = 30 µA, CK5M
236
295
354
mV
VI = VDD, Schmitt inputs: TSL, RST, TEST1,
Input high-level current
IIH
TEST2, BSTRI, DSTRI1, DSTRI2, DASL,
10
µA
MUTI, SCL, SDA, P0 to P7
VI = VSS, Schmitt inputs: TSL, RST, TEST1,
Input low-level current
IIL
TEST2, BSTRI, DSTRI1, DSTRI2, DASL,
–10
µA
MUTI, SCL, SDA, P0 to P7
Output load resistance
RL
AOUTL and AOUTR
5.0
k
DC Characteristics at Ta = –20 to +75°C, VDD = 4.5 to 5.5 V, GND = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Resolution
RES
1 kHz 0 dB
16
Bits
Total harmonic distortion
THD1
1 kHz A mode, FS - 18 dB *
0.08
%
THD2
1 kHz B mode, FS - 18 dB *
0.05
%
Signal-to-noise ratio
S/N
1 kHz 0 dB *
105
dB
Crosstalk
C. T
1 kHz 0 dB *
95
dB
Full scale output voltage
VFS
2.8
3.0
3.2
Vp-p
D/A Converter Characteristics at Ta = –20 to +75°C, VDD = 4.5 to 5.5 V, GND = 0 V
Note: *Values when measured in the Sanyo evaluation board and with a QPSK modulated signal (1 kHz sine wave) input.


Numéro de pièce similaire - LC7851E

FabricantNo de pièceFiches techniqueDescription
logo
GAPTEC Electronic GmbH ...
LC78 GAPTEC-LC78 Datasheet
528Kb / 2P
   Wide Input Non-Isolated & Regulated, Single Output
LC78 GAPTEC-LC78 Datasheet
529Kb / 2P
   Wide Input Non-Isolated & Regulated, Single Output
LC78 GAPTEC-LC78 Datasheet
384Kb / 2P
   Wide Input, Non-Isolated & Regulated, Single Output
LC78-1.0 GAPTEC-LC78-1.0 Datasheet
529Kb / 2P
   Wide Input Non-Isolated & Regulated, Single Output
LC78-2.0 GAPTEC-LC78-2.0 Datasheet
384Kb / 2P
   Wide Input, Non-Isolated & Regulated, Single Output
More results

Description similaire - LC7851E

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
MN88413 PANASONIC-MN88413 Datasheet
49Kb / 5P
   Channel Decoder LSI for Digital Satellite Broadcast Reception
logo
Sanyo Semicon Device
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
   Video and Audio Signal-Processing IC
logo
Toshiba Semiconductor
TA8899AF TOSHIBA-TA8899AF Datasheet
597Kb / 15P
   FM DEMODULATION IC FOR BROADCASTIONG SATELLITE RECEIVER
TA8804F TOSHIBA-TA8804F Datasheet
430Kb / 16P
   FM DEMODULATION IC FOR BROADCASTING SATELLITE RECEIVER
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
   Digital signal processing IC for speech and audio applications
logo
Panasonic Semiconductor
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
   Peripheral analog IC for audio signal processing
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com