Moteur de recherche de fiches techniques de composants électroniques |
|
LC75817 Fiches technique(PDF) 7 Page - Sanyo Semicon Device |
|
LC75817 Fiches technique(HTML) 7 Page - Sanyo Semicon Device |
7 / 43 page No. 6144-7/43 LC75817E, 75817W Pin Functions Pin Pin No. Function Active I/O Handling when unused LC75817E LC75817W Segment driver outputs. The S60/COM10 pin can be used as common driver output under the “set display technique” instruction. OPEN —O S1 to S59 S60/COM10 3 to 61 62 1 to 59 60 Common driver outputs. OPEN —O COM1 to COM9 71 to 63 69 to 61 Oscillator connections. An oscillator circuit is formed by connecting an external resistor and capacitor at these pins. GND —I OSCI 97 95 Serial data interface connections to the controller. Note that DO, being an open-drain output, requires a pull-up resistor. CE : Chip enable CL : Synchronization clock DI : Transfer data DO : Output data GND HI CE 100 98 I CL 1 99 —I DI 2 100 OPEN —O OSCO 96 94 Input that turns the display off, disables key scanning, and forces the general-purpose output ports low. • When INH is low (VSS): • Display off S1 to S59 = “L” (VLCD4). S60/COM10 = “L” (VLCD4). COM1 to COM9 = “L” (VLCD4). • General-purpose output ports P1 to P4 = low (VSS) • Key scanning disabled: KS1 to KS6 = low (VSS) • All the key data is reset to low. • When INH is high (VDD): • Display on • The state of the general-purpose output ports can be set by executing a "Set general-purpose output port state" instruction. • Key scanning is enabled. However, serial data can be transferred when the INH pin is low. VDD LI INH 98 96 LCD drive 3/4 bias voltage (middle level) supply pin. This pin can be used to supply the 3/4 (VLCD0 – VLCD4) voltage level externally. OPEN —I VLCD1 90 88 LCD drive 2/4 bias voltage (middle level) supply pin. This pin can be used to supply the 2/4 (VLCD0 - VLCD4) voltage level externally. OPEN —I VLCD2 91 89 LCD drive 1/4 bias voltage (middle level) supply pin. This pin can be used to supply the 1/4 (VLCD0 – VLCD4) voltage level externally. OPEN —I VLCD3 92 90 Logic block power supply connection. Provide a voltage of between 4.5 and 6.0 V. — —— VDD 87 85 LCD driver block power supply connection. Provide a voltage of between 7.0 and 10.0 V when the display contrast adjustment circuit is used and provide a voltage of between 4.5 and 10.0 V when the circuit is not used. — —— VLCD 88 86 Power supply connection. Connect to ground. — —— VSS 94 92 Key scan outputs. Although normal key scan timing lines require diodes to be inserted in the timing lines to prevent shorts, since these outputs are unbalanced CMOS transistor outputs, these outputs will not be damaged by shorting when these outputs are used to form a key matrix. OPEN —O KS1 to KS6 72 to 77 70 to 75 Key scan inputs. These pins have built-in pull-down resistors. GND HI KI1 to KI5 78 to 82 76 to 80 General-purpose output ports OPEN —O P1 to P4 83 to 86 81 to 84 DO 99 97 — O OPEN This pin must be connected to ground. — —I TEST 95 93 LCD drive 4/4 bias voltage (high level) supply pin. The level on this pin can be changed by the display contrast adjustment circuit. However, (VLCD0 – VLCD4) must be greater than or equal to 4.5 V. Also, external power must not be applied to this pin since the pin circuit includes the display contrast adjustment circuit. OPEN — O VLCD0 89 87 LCD drive 0/4 bias voltage (low level) supply pin. Fine adjustment of the display contrast can be implemented by connecting an external variable resistor to this pin. However, (VLCD0 – VLCD4) must be greater than or equal to 4.5 V, and VLCD4 must be in the range 0 V to 1.5 V, inclusive. GND —I VLCD4 93 91 |
Numéro de pièce similaire - LC75817 |
|
Description similaire - LC75817 |