Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75817W Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC75817W
Description  1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75817W Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC75817W Datasheet HTML 1Page - Sanyo Semicon Device LC75817W Datasheet HTML 2Page - Sanyo Semicon Device LC75817W Datasheet HTML 3Page - Sanyo Semicon Device LC75817W Datasheet HTML 4Page - Sanyo Semicon Device LC75817W Datasheet HTML 5Page - Sanyo Semicon Device LC75817W Datasheet HTML 6Page - Sanyo Semicon Device LC75817W Datasheet HTML 7Page - Sanyo Semicon Device LC75817W Datasheet HTML 8Page - Sanyo Semicon Device LC75817W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Ordering number : EN6144
51099RM (OT) No. 6144-1/43
LC75817E, 75817W
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
with Key Input Function
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
Overview
The LC75817E and LC75817W are 1/8 to 1/10 duty dot
matrix LCD display controller/drivers that supports the
display of characters, numbers, and symbols. In addition to
generating dot matrix LCD drive signals based on data
transferred serially from a microcontroller, the LC75817E
and LC75817W also provide on-chip character display ROM
and RAM to allow display systems to be implemented easily.
These products also provide up to 4 general-purpose output
ports and incorporate a key scan circuit that accepts input
from up to 30 keys to reduce printed circuit board wiring.
Features
• Key input function for up to 30 keys (A key scan is
performed only when a key is pressed.)
• Controls and drives a 5
× 7, 5 × 8, or 5 × 9 dot matrix LCD.
• Supports accessory display segment drive (up to 60
segments)
• Display technique: 1/8 duty 1/4 bias drive (5
× 7 dots)
1/9 duty 1/4 bias drive (5
× 8 dots)
1/10 duty 1/4 bias drive (5
× 9 dots)
• Display digits: 12 digits
× 1 line (5 × 7 dots, 5 × 8 dots)
11 digits
× 1 line (5 × 9 dots)
• Display control memory
CGROM: 240 characters (5
× 7, 5 × 8, or 5 × 9 dots)
CGRAM: 16 characters (5
× 7, 5 × 8, or 5 × 9 dots)
ADRAM: 12
× 5 bits
DCRAM: 48
× 8 bits
• Instruction function
Display on/off control
Display shift function
• Sleep mode can be used to reduce current drain.
• Built-in display contrast adjustment circuit
• Up to 4 general-purpose output ports are included.
• Serial data I/O supports CCB format communication
with the system controller.
• Independent LCD drive block power supply VLCD
• A voltage detection type reset circuit is provided to
initialize the IC and prevent incorrect display.
• The INH pin is provided. This pin turns off the display,
disables key scanning, and forces the general-purpose
output ports to the low level.
• RC oscillator circuit


Numéro de pièce similaire - LC75817W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NW SANYO-LC75817NW Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
More results

Description similaire - LC75817W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com