Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75816W Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LC75816W
Description  1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75816W Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75816W Datasheet HTML 5Page - Sanyo Semicon Device LC75816W Datasheet HTML 6Page - Sanyo Semicon Device LC75816W Datasheet HTML 7Page - Sanyo Semicon Device LC75816W Datasheet HTML 8Page - Sanyo Semicon Device LC75816W Datasheet HTML 9Page - Sanyo Semicon Device LC75816W Datasheet HTML 10Page - Sanyo Semicon Device LC75816W Datasheet HTML 11Page - Sanyo Semicon Device LC75816W Datasheet HTML 12Page - Sanyo Semicon Device LC75816W Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
No. 7142-9/43
LC75816E, 75816W
• ADRAM (Additional data RAM)
ADRAM is RAM that is used to store the ADATA display data. ADRAM has a capacity of 13
× 5 bits, and the stored
display data is displayed directly without the use of CGROM or CGRAM. The table below lists the correspondence
between the 4-bit ADRAM address loaded into AC and the display position on the LCD panel.
When the ADRAM address loaded into AC is 0H. (Number of digit displayed: 13)
Display digit
1
2
3
4
5
6
7
8
9
10
11
12
13
ADRAM address (hexadecimal)
0
1
2
3
4
5
6
7
8
9
A
B
C
However, when the display shift is performed by specifying ADATA, the ADRAM address shifts as shown below.
Display digit
1
2
3
4
5
6
7
8
9
10
11
12
13
ADRAM address (hexadecimal)
1
2
3
4
5
6
7
8
9
A
B
C
0
(Shift left)
Display digit
1
2
3
4
5
6
7
8
9
10
11
12
13
ADRAM address (hexadecimal)
C
0
1
2
3
4
5
6
7
8
9
A
B
(Shift right)
Note: *5. The ADRAM address is expressed in hexadecimal.
Example: When the ADRAM address is AH
Note: *6. 5
× 7 dots ... 13-digit display
5 dots
5
× 8 dots ... 13-digit display
4 dots
5
× 9 dots ... 13-digit display
3 dots
• CGROM (Character generator ROM)
CGROM is ROM that is used to generate the 240 kinds of 5
× 7, 5 × 8, or 5 × 9 dot matrix character patterns from the
8-bit character codes. CGROM has a capacity of 240
× 45 bits. When a character code is written to DCRAM, the
character pattern stored in CGROM corresponding to the character code is displayed at the position on the LCD
corresponding to the DCRAM address loaded into AC.
• CGRAM (Character generator RAM)
CGRAM is RAM to which user programs can freely write arbitrary character patterns. Up to 16 kinds of 5
× 7, 5 × 8,
or 5
× 9 dot matrix character patterns can be stored. CGRAM has a capacity of 16 × 45 bits.
ADRAM address
RA0
RA1
RA2
RA3
RA0
RA1
RA2
RA3
0
1
0
1
Hexadecimal
Least significant bit
LSB
Most significant bit
MSB


Numéro de pièce similaire - LC75816W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810E ONSEMI-LC75810E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810T SANYO-LC75810T Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T ONSEMI-LC75810T Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
More results

Description similaire - LC75816W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75817E SANYO-LC75817E Datasheet
829Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com