Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3251AUB Fiches technique(PDF) 1 Page - Microsemi Corporation

No de pièce 2N3251AUB
Description  PNP SILICON LOW POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3251AUB Fiches technique(HTML) 1 Page - Microsemi Corporation

  2N3251AUB Datasheet HTML 1Page - Microsemi Corporation 2N3251AUB Datasheet HTML 2Page - Microsemi Corporation 2N3251AUB Datasheet HTML 3Page - Microsemi Corporation 2N3251AUB Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
PNP SILICON
LOW POWER TRANSISTOR
Qualified per MIL-PRF-19500/323
T4-LDS-0093 Rev. 2 (101243)
Page 1 of 4
DEVICES
LEVELS
2N3250A
2N3251A
JAN
2N3250AUB
2N3251AUB
JANTX
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
60
Vdc
Collector-Base Voltage
VCBO
60
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
200
mAdc
Total Power Dissipation
@ TA = +25°C
(1)
@ TC = +25°C
(1)
PT
0.36
1.2
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
°C
THERMAL CHARACTERISTICS
Parameters / Test Conditions
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
(1)
150
°C/W
Note:
1/ Consult 19500/323 for thermal curves
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
V(BR)CEO
60
Vdc
Collector-Emitter Cutoff Voltage
VBE = 3.0Vdc, VCE = 40Vdc
VBE = 3.0Vdc, VCE = 40Vdc
TA = 150°C
ICEX
20
20
ηAdc
μAdc
Collector-Base Cutoff Current
VCB = 60Vdc
VCB = 40Vdc
ICBO
10
20
μAdc
ηAdc
Emitter-Base Cutoff Current
VEB = 5.0Vdc
IEBO
10
μAdc
Collector-Emitter Cutoff Voltage
VBE = 3.0Vdc, VCE = 40Vdc
IBEX
50
ηAdc
TO-39 (TO-205AD)
UB Package


Numéro de pièce similaire - 2N3251AUB

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N3251A BOCA-2N3251A Datasheet
183Kb / 5P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3251A MICROSEMI-2N3251A Datasheet
64Kb / 2P
   PNP BIPOLAR TRANSISTOR
logo
Central Semiconductor C...
2N3251A CENTRAL-2N3251A Datasheet
33Kb / 1P
   Small Signal Transistors
logo
Microsemi Corporation
2N3251A MICROSEMI-2N3251A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Seme LAB
2N3251A SEME-LAB-2N3251A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
More results

Description similaire - 2N3251AUB

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
2N1132 MICROSEMI-2N1132 Datasheet
56Kb / 3P
   LOW POWER PNP SILICON TRANSISTOR
JANS2N3867 MICROSEMI-JANS2N3867 Datasheet
121Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N2604 MICROSEMI-2N2604_1 Datasheet
157Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N5415 MICROSEMI-2N5415 Datasheet
67Kb / 2P
   PNP LOW POWER SILICON TRANSISTOR
2N3867 MICROSEMI-2N3867_1 Datasheet
121Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N2604 MICROSEMI-2N2604 Datasheet
66Kb / 2P
   PNP SILICON LOW POWER TRANSISTOR
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com