Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2221AUB Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce 2N2221AUB
Description  NPN SILICON SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2221AUB Fiches technique(HTML) 2 Page - Microsemi Corporation

  2N2221AUB Datasheet HTML 1Page - Microsemi Corporation 2N2221AUB Datasheet HTML 2Page - Microsemi Corporation 2N2221AUB Datasheet HTML 3Page - Microsemi Corporation 2N2221AUB Datasheet HTML 4Page - Microsemi Corporation 2N2221AUB Datasheet HTML 5Page - Microsemi Corporation 2N2221AUB Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0060 Rev. 2 (100247)
Page 2 of 6
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 0.1mAdc, VCE = 10Vdc
2N2221A, L, UA, UB, UBC
2N2222A, L, UA, UB, UBC
30
50
IC = 1.0mAdc, VCE = 10Vdc
2N2221A, L, UA, UB, UBC
2N2222A, L, UA, UB, UBC
35
75
150
325
IC = 10mAdc, VCE = 10Vdc
2N2221A, L, UA, UB, UBC
2N2222A, L, UA, UB, UBC
40
100
IC = 150mAdc, VCE = 10Vdc
2N2221A, L, UA, UB, UBC
2N2222A, L, UA, UB, UBC
40
100
120
300
IC = 500mAdc, VCE = 10Vdc
2N2221A, L, UA, UB, UBC
2N2222A, L, UA, UB, UBC
hFE
20
30
Collector-Emitter Saturation Voltage
IC = 150mAdc, IB = 15mAdc
IC = 500mAdc, IB = 50mAdc
VCE(sat)
0.3
1.0
Vdc
Base-Emitter Voltage
IC = 150mAdc, IB = 15mAdc
IC = 500mAdc, IB = 50mAdc
VBE(sat)
0.6
1.2
2.0
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 1.0mAdc, VCE = 10Vdc, f = 1.0kHz
2N2221A, L, UA, UB, UBC
2N2222A, L, UA, UB, UBC
hfe
30
50
Magnitude of Small–Signal Short-Circuit
Forward Current Transfer Ratio
IC = 20mAdc, VCE = 20Vdc, f = 100MHz
|hfe|
2.5
Output Capacitance
VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
8.0
pF
Input Capacitance
VEB = 0.5Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz
Cibo
25
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
See figure 8 of MIL-PRF-19500/255
ton
35
ηs
Turn-Off Time
See Figure 9 of MIL-PRF-19500/255
toff
300
ηs
(2) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%.


Numéro de pièce similaire - 2N2221AUB

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
2N2221AUB MICROSEMI-2N2221AUB Datasheet
58Kb / 2P
   NPN SILICON SWITCHING TRANSISTOR
120101
2N2221AUB MICROSEMI-2N2221AUB Datasheet
144Kb / 7P
   RADIATION HARDENED
2N2221AUB MICROSEMI-2N2221AUB Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
2N2221AUB MICROSEMI-2N2221AUB Datasheet
142Kb / 6P
   TECHNICAL DATA SHEET NPN SILICON SWITCHING TRANSISTOR
logo
M/A-COM Technology Solu...
2N2221AUB MA-COM-2N2221AUB Datasheet
659Kb / 6P
   Radiation Hardened NPN Silicon Switching Transistors
More results

Description similaire - 2N2221AUB

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
   Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
   Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
   NPN Silicon Switching Transistor
Nov-30-2001
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com