Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC74799 Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC74799
Description  On-Screen Display Controller IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74799 Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC74799 Datasheet HTML 1Page - Sanyo Semicon Device LC74799 Datasheet HTML 2Page - Sanyo Semicon Device LC74799 Datasheet HTML 3Page - Sanyo Semicon Device LC74799 Datasheet HTML 4Page - Sanyo Semicon Device LC74799 Datasheet HTML 5Page - Sanyo Semicon Device LC74799 Datasheet HTML 6Page - Sanyo Semicon Device LC74799 Datasheet HTML 7Page - Sanyo Semicon Device LC74799 Datasheet HTML 8Page - Sanyo Semicon Device LC74799 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
No. 5834-3/32
LC74799, 74799M
Pin Descriptions
Pin No.
Pin name
Function
Notes
Ground
Ground connection (digital system ground)
1
VSS1
Crystal oscillator
(MUTE input)
These pins are used either to connect the crystal and capacitors used to form an external
crystal oscillator circuit to generate the internal synchronizing signals, or to input an
external clock signal (2fsc or 4fsc). As a mask option, the XtalOUT pin can be set to
function as the MUTE input pin. When this pin is set low, the video output is held at the
pedestal level. (A pull-up resistor is built in and the input has hysteresis characteristics.)
Crystal oscillator input switching
(CHABLK output)
Switches the mode between external clock input and crystal oscillator operation. A low
level selects crystal oscillator operation and a high level selects external clock input. As a
mask option, the CTRL1 input pin can be set to function as the CHABLK (character ·
frame) output. This is a 3-value output.
2
XtalIN
3
XtalOUT
(MUTE)
4
CTRL1
(CHABLK)
This pin must be left open.
5NC
Clock input
Input for the PDC/VPS data output clock. I2C bus
6
SCL
Data output
PDC/VPS data output.
I2C bus write address: [01111100]
I2C bus read address: [01111101]
7
SDA
External synchronizing signal judgment
output
Outputs the state of the external synchronizing signal presence/absence judgment.
Outputs a high level when synchronizing signals are present.
Outputs the crystal oscillator clock when CS1 and RST are low.
(This signal is not output on command resets.)
8
SYNCJDG
Enable input 1
Enable input for the OSD serial data input.
Serial data input is enabled when this pin is low.
A pull-up resistor is built in and the input has hysteresis characteristics.
9
CS1
Clock input 1
Serial data input enable pin.
A pull-up resistor is built in and the input has hysteresis characteristics.
10
SCLK1
Data input 1
Serial data input. A pull-up resistor is built in and the input has hysteresis characteristics.
11
SIN1
Power supply
Composite video signal level adjustment power supply (analog system power supply)
12
VDD2
Charge pump output
Charge pump output. Connect a low-pass filter to this pin.
13
CPOUT
Oscillator control voltage input
VCO oscillator control voltage input. (For data slicing)
14
VCOIN
Ground
Ground (VCO ground)
15
VSS3
Oscillator range adjustment
VCO oscillator range adjustment resistor connection
16
VCOR
Oscillator control voltage input 2
VCO oscillator control voltage input. For character display.
17
VCOIN2
Power supply (+5 V)
Power supply (+5 V: VCO power supply)
18
VDD3
Video signal output
Composite video signal output
19
CVOUT
Ground
Ground (analog system ground)
20
VSS2
Video signal input
Composite video signal input
21
CVIN
Video signal input
SECAM chrominance signal input
22
CVCR
Power supply (+5 V)
Power supply (+5 V: digital system power supply)
23
VDD1
Sync separator circuit input
Video signal input to the internal sync separator circuit
24
SYNIN
Sync separator circuit adjustment
Internal sync separator circuit adjustment
25
SEPC
Composite synchronizing signal output
Internal sync separator circuit composite synchronizing signal output. Can be switched to
function as a signal (high, low, or ST. pulse) output by the MOD0 setting when SEL0 is
high.
26
SEPOUT
Vertical synchronizing signal input
Inputs the vertical synchronizing signal created by integrating the SEPOUT pin output
signal.
An integration circuit must be connected between this pin and the SEPOUT pin. This pin
must be tied to VDD1 if unused. This pin is valid when CTL3 is set high.
27
SEPIN
Background color phase adjustment
Background color phase adjustment resistor connection
28
CDLR
Reset input
System reset input.
A pull-up resistor is built in and the input has hysteresis characteristics.
29
RST
Power supply (+5 V)
Power supply (+5 V: digital system power supply)
30
VDD1
Note *: A capacitor of at least 2000 pF must be connected between the VDD1 power supply and VSS1.


Numéro de pièce similaire - LC74799

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74792JM SANYO-LC74792JM Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74793JM SANYO-LC74793JM Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
More results

Description similaire - LC74799

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
   On-Screen Display Controller IC
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
LC74760 SANYO-LC74760 Datasheet
178Kb / 14P
   On-Screen Display IC
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
   On Screen Display IC
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com