Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1658 Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce 2SD1658
Description  Micro Motor Drive, Hammer Drive Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1658 Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  2SD1658 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1658 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1658 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1658 Datasheet HTML 4Page - Toshiba Semiconductor 2SD1658 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SD1658
2009-12-21
4
Collector-emitter voltage VCE (V)
Safe Operating Area
10
30
0.01
1
5
0.05
0.1
0.3
0.5
1
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max (continuous)
IC max (pulsed)*
VCEO max
1 ms*
10 ms*
100 μs*
DC operation
Tc = 25°C
100
3
3
0.03


Numéro de pièce similaire - 2SD1658

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SD1658 TOSHIBA-2SD1658 Datasheet
177Kb / 4P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1658 TOSHIBA-2SD1658_07 Datasheet
191Kb / 5P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
More results

Description similaire - 2SD1658

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SD2206 TOSHIBA-2SD2206_09 Datasheet
141Kb / 4P
   Micro Motor Drive, Hammer Drive Applications
2SD1631 TOSHIBA-2SD1631_10 Datasheet
152Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD2088 TOSHIBA-2SD2088_09 Datasheet
151Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD1784 TOSHIBA-2SD1784_10 Datasheet
183Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD2695 TOSHIBA-2SD2695_09 Datasheet
153Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD2206A TOSHIBA-2SD2206A Datasheet
141Kb / 4P
   Micro Motor Drive, Hammer Drive Applications
2SD1509 TOSHIBA-2SD1509_09 Datasheet
162Kb / 5P
   Micro-Motor Drive, Hammer Drive Applications
2SD1140 TOSHIBA-2SD1140_09 Datasheet
148Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD2480 TOSHIBA-2SD2480_06 Datasheet
148Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD1508 TOSHIBA-2SD1508_09 Datasheet
167Kb / 5P
   Pulse Motor Drive, Hammer Drive Applications
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com