Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1411A Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce 2SD1411A
Description  High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1411A Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  2SD1411A_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1411A_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1411A_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1411A_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SD1411A_09 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD1411A
2009-12-21
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
VCE – IC
Collector current IC (A)
VCE – IC
Collector current IC (A)
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
VCE – IC
Common emitter
VCE = 1 V
0.1
0.03
0.3
1
3
500
5
10
30
50
10
300
Tc = 100°C
25
100
−55
8
Common emitter
Tc = 25°C
0
0
IB = 10 mA
2
4
6
2
4
6
8
10
160
30
40
100
80
60
0
1.2
0
0
0.8
0.6
0.4
0.2
1
2
3
4
5
6
Common emitter
Tc = 25°C
IB = 30 mA
8
1.0
100
60
500
7
600
700
150 200 300 400
1.2
0
0
0.8
0.6
0.4
0.2
1
2
3
4
5
6
Common emitter
Tc = −55°C
IB = 30 mA
8
1.0
60
100
7
150
200
300 400
500
600
700
1.2
0
0
0.8
0.6
0.4
0.2
1
2
3
4
5
6
Common emitter
Tc = 100°C
8
1.0
7
IB = 20 mA
100
200 300
400
500
600
700
Tc = 100°C
25
0.1
0.3
1
0.3
0.5
1
Common emitter
IC/IB = 10
−55
0.05
0.1
3
10
0.03
0.03
0.01


Numéro de pièce similaire - 2SD1411A_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SD1411A TOSHIBA-2SD1411A Datasheet
184Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS)
More results

Description similaire - 2SD1411A_09

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com