Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC74770 Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LC74770
Description  On-Screen Display Controller LSI
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74770 Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LC74770 Datasheet HTML 1Page - Sanyo Semicon Device LC74770 Datasheet HTML 2Page - Sanyo Semicon Device LC74770 Datasheet HTML 3Page - Sanyo Semicon Device LC74770 Datasheet HTML 4Page - Sanyo Semicon Device LC74770 Datasheet HTML 5Page - Sanyo Semicon Device LC74770 Datasheet HTML 6Page - Sanyo Semicon Device LC74770 Datasheet HTML 7Page - Sanyo Semicon Device LC74770 Datasheet HTML 8Page - Sanyo Semicon Device LC74770 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Display Control Command Table
Once written, the command identification code in the first byte is stored until the next first byte is written. However,
when the display character data write command (COMMAND1) is written, the LC74770M locks into the display
character data write mode, and another first byte cannot be written.
When a high level is input to the CS pin, the LC74770M is set to COMMAND0 (display memory write address setup
mode).
1
COMMAND 0 (Display memory write address setup command)
First byte
No. 4248-5/11
LC74770M
First byte
Second byte
Command
Command identification code
Data
Data
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
COMMAND 0
1
0
0
0
V3
V2
V1
V0
0
0
0
H4
H3
H2
H1
H0
Write address
COMMAND 1
1
0
0
1
0
0
0
0
at
c6
c5
c4
c3
c2
c1
c0
Character write
COMMAND 2
1
0
1
0
0
0
0
0
0
0
VP
VP
VP
VP
VP
VP
Vertical display position
5
4
3
2
1
0
start position
COMMAND 3
1
0
1
1
0
0
0
0
0
0
HP
HP
HP
HP
HP
HP
Horizontal display position
5
4
3
2
1
0
start position
COMMAND 4
1
1
0
0
TST
RCL
OSC
RST
0
MD1
MD0
EG
BK
BK
RV
DSP
Display control
1
0
COMMAND 5
1
1
0
1
0
0
0
LS
0
0
LN
LN
LN
LN
LN
LN
BLK2 and CHA2 output control:
6
5
4
3
2
1
lines 1 to 6, and line size control
COMMAND 6
BLK2 and CHA2 output control:
1
1
1
0
P3
P2
P1
P0
0
0
LN
LN
LN
LN
LN
LN
lines 7 to 12, and general-purpose
12
11
10
9
8
7
port control
Register content
DA0 to DA7
Register name
State
Function
Note
7
1
6
0
Command 0 identification code
5
0
Sets the display memory write address.
4
0
3
V3
0
1
2
V2
0
1
Display memory address (0 to B hexadecimal)
1
V1
0
1
0
V0
0
1


Numéro de pièce similaire - LC74770

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V_99 Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
More results

Description similaire - LC74770

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
LC74730M SANYO-LC74730M Datasheet
145Kb / 14P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com