Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAR2024FP Fiches technique(PDF) 2 Page - Lineage Power Corporation

No de pièce CAR2024FP
Description  2000 Watt 24V Front End Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2024FP Fiches technique(HTML) 2 Page - Lineage Power Corporation

  CAR2024FP Datasheet HTML 1Page - Lineage Power Corporation CAR2024FP Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
CAR2024FP Series
2000 Watt 24V Front End Power Supply
rev 100506
EFFICIENCY CURVE:
OUTLINE DRAWING
PART NUMBER DEFINITION GUIDE:
CONNECTOR DRAWING:
Examples:
CAR2024FPBZ0-1A
2000W/24V Front End, Bezel, 6 of 6 RoHS
CAR2024FPZ0-1A
2000W/24V Front End, 6 of 6 RoHS
Pin Blades
A#3
Ground
A#2
Neutral
A#1
Line
B#1
+V
B#2
+V
B#3
+V
B#4
Return
B#5
Return
B#6
Return
Pin Functions
A1 VSB [3.3V]
A2 PS Present
A3 Signal Return
A4 Write Protect
A5 Remote Sense (+)
A6 Remote Sense (-)
Pin Functions
B1
Fault
B2
I Monitor
B3
Module Enable
B4
VSB [3.3V] Return
B5
SDA
B6
SCL
Pin Functions
C1
I Share
C2
N/C
C3
Temp OK
C4
I2C Address (A0)
C5
I2C Address (A1)
C6
I2C Address (A2)
Pin
Functions
D1
V Prog
D2
OVP Test Point
D3
Remote ON/OFF
D4
DC OK
D5
AC OK
D6
Interrupt
B=Bezel Option
Blank=None
Options
Blank=Non-compliant
YO=5 of 6 Compliant
ZO=6 of 6 Compliant
RoHS
Rev.
CAR 20 24 F P x xx -1A
Series
20=2000W
Output Current
24=24V
Output Voltage
F=Front End
Type
P=Positive
Polarity
D
C
B
A
1
2
3
4
5
6
A#3
A#1
B#6
B#5
B#4
B#3
B#2
B#1
A#2
90%
91%
90%
87%
84%
73%
50%
70%
90%
110%
10%
20%
30%
50%
80%
100%
Load
LED INDICATOR
TEST CONDITION
AC OK
DC OK
FAULT
MONITORING SIGNAL*
FAULT
DC OK
AC OK TEMP OK
1 NORMAL OPERATION
Green
Green
OFF
High
High
High
High
2 LOW/ or NO AC Input
OFF
OFF
Red
Low
Low
Low
High
3 OVP
Green
OFF
Red
Low
Low
High
High
4 OVER CURRENT
Green
OFF
Red
Low
Low
High
High
5 THERMO ALARM
Green
Green
OFF
High
High
High
Low
6 Fault Over Temperature
Green
OFF
Red
Low
Low
High
Low
7 Remote ON/OFF
Green
OFF
Red
Low
Low
High
High
90%
91%
90%
87%
84%
73%
50%
70%
90%
110%
10%
20%
30%
50%
80%
100%
Load
All Dimensions in Inches (mm)
Tolerance: .XX = ± .02 in (.50 mm)
.XXX = ± .010 in (.254 mm)
Output Connector:
Molex P/N 87663-4002
Mating Connector:
Molex P/N 87664-2001


Numéro de pièce similaire - CAR2024FP

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR2024FPBZ01A LINEAGEPOWER-CAR2024FPBZ01A Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
CAR2024FP LINEAGEPOWER-CAR2024FP_14 Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
More results

Description similaire - CAR2024FP

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
logo
Mean Well Enterprises C...
RKP-1U MEANWELL-RKP-1U Datasheet
929Kb / 6P
   2000~6000W Front End Power System
RCP-2000 MEANWELL-RCP-2000 Datasheet
291Kb / 5P
   2000W Front End Power Supply
logo
C&D Technologies
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
   2000 WATT AC/DC POWER SUPPLY
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com