Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1664 Fiches technique(PDF) 1 Page - Weitron Technology

No de pièce KTA1664
Description  PNP Epitaxial Pl anar Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

KTA1664 Fiches technique(HTML) 1 Page - Weitron Technology

  KTA1664_10 Datasheet HTML 1Page - Weitron Technology KTA1664_10 Datasheet HTML 2Page - Weitron Technology KTA1664_10 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABSOLUTE MAXIMUM RATINGS (TA=25˚C)
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Symbol
Limits
Unit
Rating
Symbol
Parameter
Min
Typ
Max
Unit
ELECTRICAL CHARACTERISTICS(TA=25˚C unless otherwise noted)
Collector-Emitter Breakdown Voltage
IC=-10mA, IB=0
Collector-Base Breakdown Voltage
IC=-1mA, IE=0
Emitter-Base Breakdown Voltage
IE=-1mA, IC =0
Collector Cutoff Current
VCB=-35V, IE=0
ICBO
KTA166
Tj
PD
WEITRON
http://www.weitron.com.tw
PNP Epitaxial Planar Transistors
-35
-30
-5.0
-0.8
0.5
Collector Power Dissipation
IC
˚C
˚C
W
Storage Temperature Range
Tstg
-55 to +150
-55 to +150
1
2
3
1. BASE
2. COLLECTOR
3. EMITTER
SOT-89
Collector Current
VCBO
VCEO
VEBO
A
V
V
V
BVEBO
BVCEO
BVCBO
-35
-30
-5
-
-
-
-
-
-0.1
-
-
-
V
V
V
µA
Collector Cutoff Current
VEB=-5V, IC=0
IEBO
-
-0.1
-
µA
Junction Temperature
1/3
-Ju - 0
Lead(Pb)-Free
P b


Numéro de pièce similaire - KTA1664_10

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
KTA1664 KEXIN-KTA1664_15 Datasheet
1Mb / 2P
   PNP Transistors
logo
SHENZHEN YONGERJIA INDU...
KTA1664 WINNERJOIN-KTA1664_15 Datasheet
127Kb / 1P
   PNP TRANSISTOR
logo
KEC(Korea Electronics)
KTA1664 KEC-KTA1664_15 Datasheet
79Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Description similaire - KTA1664_10

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
WTM649A WEITRON-WTM649A Datasheet
428Kb / 4P
   PNP Epitaxial Pl anar Transistors
KTA1663 WEITRON-KTA1663 Datasheet
172Kb / 3P
   PNP Epitaxial Planar Transistors
2SB624 WEITRON-2SB624 Datasheet
214Kb / 4P
   PNP Epitaxial Planar Transistors
2SB649 WEITRON-2SB649 Datasheet
272Kb / 5P
   PNP Epitaxial Planar Transistors
logo
ON Semiconductor
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
logo
Micro Commercial Compon...
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
   PNP Silicon Epitaxial Transistors
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
   PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
   PNP Silicon Epitaxial Transistors
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
   PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
   PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com