Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1266 Fiches technique(PDF) 1 Page - Weitron Technology

No de pièce KTA1266
Description  PNP Plastic-Encapsulate Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

KTA1266 Fiches technique(HTML) 1 Page - Weitron Technology

  KTA1266 Datasheet HTML 1Page - Weitron Technology KTA1266 Datasheet HTML 2Page - Weitron Technology KTA1266 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WEITRON
hpp://www.weitron.com.tw
1/3
04-Oct-2010
PNP
Plastic-Encapsulate Transistor
TO-92
KTA1266
WEITRON
Lead(Pb)-Free
P b
1. EMITTER
2. COLLECTOR
3. BASE
FEATURES :
• Excellent hFE Linearity
•� Low noise
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.15
A
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC
= -100μA, IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1m A,IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=
-100μA, IC=0
-5
Collector cut-off current
ICBO
VCB= -50V, IE=0
μA
Emitter cut-off current
IEBO
VEB= -5V, IC=0
μA
hFE(1)
VCE= -6V,IC= -2mA
70
hFE(2)
25
DC current gain
VCE(sat)
IC= -100mA,IB= -10 mA
V
Transition frequency
fT
VCE= -10V, IC= -1mA
MHz
CLASSIFICATION OF
hFE(1)
GR
V
O
Range
VCE= -6V,IC= -150mA
Collector-emitter saturation voltage
Base-emitter saturation voltage
VBE(sat)
IC= -100mA,IB= -10 mA
-1.1
V
Collector output capacitance
Noise figure
Cob
VCB= -10V,IE=0, f=1MHz
NF
VCE= -6V, Ic= -0.1mA,
f=1KHZ, Rg=10KΩ
pF
dB
Rank
70 - 140
120 - 240
200 - 400
Marking
V
-0.1
-0.1
400
-0.3
80
7
10


Numéro de pièce similaire - KTA1266

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1266 KEC-KTA1266 Datasheet
308Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTA1266 KEC-KTA1266 Datasheet
43Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1266 KEC-KTA1266 Datasheet
20Kb / 1P
   TO-92 PACKAGE
logo
Tiger Electronic Co.,Lt...
KTA1266 TGS-KTA1266 Datasheet
326Kb / 1P
   TO-92 Plastic-Encapsulate Transistors (PNP)
logo
SHENZHEN YONGERJIA INDU...
KTA1266 WINNERJOIN-KTA1266 Datasheet
139Kb / 1P
   TRANSISTOR (PNP)
More results

Description similaire - KTA1266

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BC327 SECOS-BC327_15 Datasheet
299Kb / 3P
   PNP Plastic-Encapsulate Transistor
BC807-16W SECOS-BC807-16W Datasheet
197Kb / 3P
   PNP Plastic Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401 Datasheet
68Kb / 2P
   PNP Plastic Encapsulate Transistor
2SA1012 MCC-2SA1012 Datasheet
213Kb / 2P
   PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BC807 SECOS-BC807 Datasheet
419Kb / 2P
   PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
   PNP Plastic-Encapsulate Transistor
BCX53 WEITRON-BCX53 Datasheet
700Kb / 3P
   PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BCX53 SECOS-BCX53_16 Datasheet
341Kb / 2P
   PNP Plastic Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401_14 Datasheet
439Kb / 4P
   PNP Plastic Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
CZD772M SECOS-CZD772M Datasheet
314Kb / 2P
   PNP Plastic Encapsulate Transistor
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com