Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM4002M Fiches technique(PDF) 2 Page - Weitron Technology

No de pièce FM4002M
Description  Surface Mount Standard Recovery Glass Passivated Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

FM4002M Fiches technique(HTML) 2 Page - Weitron Technology

  FM4002M Datasheet HTML 1Page - Weitron Technology FM4002M Datasheet HTML 2Page - Weitron Technology FM4002M Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward
Rectified Current @T =75 C
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous At 1.0A DC
Maximum DC Reverse Current @T =25 C
At Rated DC Blocking Voltage @T =100 C
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
Operating Temperature Range
Storage Temperature Range
V
V
V
A
A
V
uA
C
C
Rating 25 C Ambient Temperature Unless Otherwise Specified.
Single Phase Half Wave, 60Hz , Resistive or Inductive Load.
For Capacitive Load, Derate Current by 20%.
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
C
JA
T
TSTG
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
-55 to+150
-55 to+150
F
C/W
1.Measured at 1.0MHz applied reverse voltage of 4.0V DC.
2.Thermal Resistance Junction to Ambient.
5.0
50
15(TYP)
60(TYP)
http://www.weitron.com.tw
WEITRON
J
J
FM4001M thru
P
R
NOTES:
800
560
800
1000
700
1000
1.0
30
1.10
FM4007M
FM
FM
FM
FM
FM
FM
FM
4001M 4002M 4003M 4004M 4005M 4006M 4007M
A
A
A
Device Marking
Item
Marking
FM4001M
FM4002M
FM4003M
FM4004M
A1
A2
A3
A4
Item
Marking
FM4005M
FM4006M
FM4007M
A5
A6
A7
2/3
Rev.A 31-Aug-09


Numéro de pièce similaire - FM4002M

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
FM4002M WEITRON-FM4002M Datasheet
76Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4002MH WEITRON-FM4002MH Datasheet
189Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
More results

Description similaire - FM4002M

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
FM4001MH WEITRON-FM4001MH Datasheet
189Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
SM4001 WEITRON-SM4001 Datasheet
281Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
FM4001M WEITRON-FM4001M Datasheet
76Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
SFM11MH WEITRON-SFM11MH Datasheet
730Kb / 3P
   Surface Mount Standard Recovery Glass Passivated Rectifiers
S2A WEITRON-S2A Datasheet
271Kb / 3P
   Surface Mount Standard Recovery Glass Passivated
S1A WEITRON-S1A Datasheet
76Kb / 3P
   Surface Mount Standard Recovery Glass Passivated
S1AB WEITRON-S1AB Datasheet
116Kb / 3P
   Surface Mount Standard Recovery Glass Passivated
logo
GOOD-ARK Electronics
KBJ6A GOOD-ARK-KBJ6A Datasheet
221Kb / 2P
   Surface Mount Glass Passivated Standard Rectifiers
logo
PACELEADER INDUSTRIAL
FSM101 PACELEADER-FSM101 Datasheet
414Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
RS2A YIXIN-RS2A_08 Datasheet
209Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com