Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC846 Fiches technique(PDF) 3 Page - Weitron Technology

No de pièce BC846
Description  NPN/PNP Dual General Purpose Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC846 Fiches technique(HTML) 3 Page - Weitron Technology

  BC846 Datasheet HTML 1Page - Weitron Technology BC846 Datasheet HTML 2Page - Weitron Technology BC846 Datasheet HTML 3Page - Weitron Technology BC846 Datasheet HTML 4Page - Weitron Technology BC846 Datasheet HTML 5Page - Weitron Technology BC846 Datasheet HTML 6Page - Weitron Technology BC846 Datasheet HTML 7Page - Weitron Technology BC846 Datasheet HTML 8Page - Weitron Technology BC846 Datasheet HTML 9Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
WEITRON
http://www.weitron.com.tw
09-Oct-08
3/9
ELECTRICAL CHARACTERISTICS (PNP) (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = –10 mA)
BC846 Series
BC847 Series
BC848 Series
BC846 Series
BC847 Series
BC848 Series
BC846 Series
BC847 Series
BC848 Series
BC846 Series
BC847 Series
BC848 Series
V(BR)CEO
–65
–45
–30
V
Collector–Emitter Breakdown Voltage
(IC = –10 µA, VEB = 0)
V(BR)CES
–80
–50
–30
V
Collector–Base Breakdown Voltage
(IC = –10 A)
V(BR)CBO
–80
–50
–30
V
Emitter–Base Breakdown Voltage
(IE = –1.0 A)
V(BR)EBO
–5.0
–5.0
–5.0
V
Collector Cutoff Current (VCB = –30 V)
Collector Cutoff Current (VCB = –30 V, TA = 150°C)
ICBO
–15
–4.0
nA
µA
ON CHARACTERISTICS
DC Current Gain
(IC = –10 µA, VCE = –5.0 V)
BC846B, BC847B, BC848B
BC847C, BC848C
(IC = –2.0 mA, VCE = –5.0 V)
BC846B, BC847B, BC848B
BC847C, BC848C
hFE
200
420
150
270
290
520
475
800
Collector–Emitter Saturation Voltage
(IC = –10 mA, IB = –0.5 mA)
(IC = –100 mA, IB = –5.0 mA)
VCE(sat)
–0.3
–0.65
V
Base–Emitter Saturation Voltage
(IC = –10 mA, IB = –0.5 mA)
(IC = –100 mA, IB = –5.0 mA)
VBE(sat)
–0.7
–0.9
V
Base–Emitter On Voltage
(IC = –2.0 mA, VCE = –5.0 V)
(IC = –10 mA, VCE = –5.0 V)
VBE(on)
–0.6
–0.75
–0.82
V
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = –10 mA, VCE = –5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB = –10 V, f = 1.0 MHz)
Cob
4.5
pF
Noise Figure
(IC = –0.2 mA, VCE = –5.0 Vdc, RS = 2.0 kΩ,
f = 1.0 kHz, BW = 200 Hz)
NF
10
dB
BC846BPDW Series


Numéro de pièce similaire - BC846

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC846 PHILIPS-BC846 Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Rectron Semiconductor
BC846 RECTRON-BC846 Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
logo
NXP Semiconductors
BC846 NXP-BC846 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Diodes Incorporated
BC846 DIODES-BC846 Datasheet
277Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 21 - 2
logo
ON Semiconductor
BC846 ONSEMI-BC846 Datasheet
111Kb / 13P
   General Purpose Transistors
April, 2015 ??Rev. 12
More results

Description similaire - BC846

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
MMDT2227DW WEITRON-MMDT2227DW Datasheet
131Kb / 5P
   NPNPNP Dual General Purpose Transistors
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
logo
ON Semiconductor
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
logo
Cystech Electonics Corp...
HBNP45S6R CYSTEKEC-HBNP45S6R Datasheet
179Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
HBNP2227S6R CYSTEKEC-HBNP2227S6R Datasheet
169Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
logo
NXP Semiconductors
PEMZ7 PHILIPS-PEMZ7 Datasheet
80Kb / 12P
   NPN/PNP general purpose transistors
2001 Nov 07
PUMZ1 NXP-PUMZ1 Datasheet
111Kb / 7P
   NPN/PNP general purpose transistors
2004 Oct 15
PEMZ7 NXP-PEMZ7 Datasheet
142Kb / 9P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Nexperia B.V. All right...
PUMZ1 NEXPERIA-PUMZ1 Datasheet
291Kb / 8P
   NPN/PNP general purpose transistors
2004 Oct 15
logo
NXP Semiconductors
PEMZ1 PHILIPS-PEMZ1 Datasheet
49Kb / 8P
   NPN/PNP general purpose transistors
2001 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com