Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC807-40W Fiches technique(PDF) 2 Page - Weitron Technology

No de pièce BC807-40W
Description  General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC807-40W Fiches technique(HTML) 2 Page - Weitron Technology

  BC807-40W Datasheet HTML 1Page - Weitron Technology BC807-40W Datasheet HTML 2Page - Weitron Technology BC807-40W Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC807-16W
BC807-25W
BC807-40W
2
2-Jul-10
-
-
-
-
10
V
V
-
V
V
V
-
-
-
-
-
-
-
-
http://www.weitron.com.tw
WEITRON
2/3
Unit
Characteristics
Symbol
Min
Max
Typ
WEITRON
Electrical Characteristics(TA=25ºC Unless Otherwise noted)
Off Characteristics
On Characteristics
Small-signal Characteristics
Base-Emitter On Voltage
IC=-500mA, VCE=-1.0V
VBE(on)
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICBO
Collector-Emitter Breakdown Voltage
IC=-10mA
-45
-50
-5.0
µA
-0.1
Collector-Base Breakdown Voltage
IC=-10µA
Emitter-Base Breakdown Voltage
IE=-1.0µA
VCB=-20V
-
-
ICBO
µA
-0.2
VCE=-20V
-
-
ICBO
µA
-0.1
VEB=-5V
DC Current Gain
IC=-100mA, VCE=-1.0V
IC=-500mA,VCE=-1.0V)
BC807-16W
BC807-25W
BC807-40W
hFE
-
-
-
-
100
160
250
40
250
400
600
-
VCE(sat)
-
-0.7
-1.2
-
-
-
Collector-Emitter Saturation Voltage
IC=-500mA, IB=-50mA
Current-Gain-Band width Product
IC=-10mA, VCE=-5.0V, f=100MHz
fT
MHz
80
Output Capacitance
VCB=-10V,f=1.0MHz
Cob
pF


Numéro de pièce similaire - BC807-40W

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC807-40W PHILIPS-BC807-40W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
logo
Taiwan Semiconductor Co...
BC807-40W TSC-BC807-40W Datasheet
150Kb / 6P
   200mW, PNP Small Signal Transistor
logo
Siemens Semiconductor G...
BC807-40W SIEMENS-BC807-40W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
SUNMATE electronic Co.,...
BC807-40W SUNMATE-BC807-40W Datasheet
612Kb / 3P
   PNP SILICON GENERAL PURPOSE TRANSISTORS
logo
Infineon Technologies A...
BC807-40W INFINEON-BC807-40W Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
More results

Description similaire - BC807-40W

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com