Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC74411 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LC74411
Description  PIP Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74411 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LC74411 Datasheet HTML 1Page - Sanyo Semicon Device LC74411 Datasheet HTML 2Page - Sanyo Semicon Device LC74411 Datasheet HTML 3Page - Sanyo Semicon Device LC74411 Datasheet HTML 4Page - Sanyo Semicon Device LC74411 Datasheet HTML 5Page - Sanyo Semicon Device LC74411 Datasheet HTML 6Page - Sanyo Semicon Device LC74411 Datasheet HTML 7Page - Sanyo Semicon Device LC74411 Datasheet HTML 8Page - Sanyo Semicon Device LC74411 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LC74411N and LC74411NE Based PIP System
Function Overview
• Reduction sizes
– Vertical
: 1/3, 1/4; The vertical filter coefficient can be selected.
– Horizontal : 1/3, 1/4; Variable at the PLL.
• Still image
– Field still image
• Display position
– Eight bits in each of the vertical and horizontal directions
• Frame
– Frame or no frame can be selected.
– Frame types differ according to the insertion method
Pin frame
: A pin output that goes high at the frame position (for frame insertion by the application)
DAC frame : Frame overlapped onto the image signal. Four bits for each of the Y, R-Y, and B-Y signals.
• Wipe
– Supports eleven different types of wipe.
• Blanking size
– The vertical and horizontal directions can be specified independently (6 bits each)
– Eleven form specification types
• Memory clear
– The image data written to memory can be set to a fixed value.
– Either 25% white or blue can be selected.
• Wide-aspect-ratio TV support
– Aspect compensation function
• Support for NTSC, PAL, and multi-format systems
• External control function using the I2C bus
– Incorporates six on-chip 8-bit D/A converter circuits
– Provides eight general-purpose port pins.
• Wide range of settings and adjustments
– Sub-screen displacement, color shifting, and other settings can be adjusted using the I2C bus.
No. 5519-4/14
LC74411N, LC74411NE


Numéro de pièce similaire - LC74411

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7441 SANYO-LC7441 Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
LC7441N SANYO-LC7441N Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
LC7441NE SANYO-LC7441NE Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
More results

Description similaire - LC74411

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7442 SANYO-LC7442 Datasheet
404Kb / 22P
   PIP Controller?
logo
NXP Semiconductors
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 07
SAB9076H PHILIPS-SAB9076H Datasheet
235Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 13
logo
Motorola, Inc
MC44460 MOTOROLA-MC44460 Datasheet
442Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
logo
NXP Semiconductors
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9079HS PHILIPS-SAB9079HS Datasheet
183Kb / 48P
   Multistandard Picture-In-Picture PIP controller
2000 Jan 13
SAB9082 PHILIPS-SAB9082 Datasheet
102Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9080 PHILIPS-SAB9080 Datasheet
99Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9083 PHILIPS-SAB9083 Datasheet
104Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com