Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXTNS618MC Fiches technique(PDF) 6 Page - Diodes Incorporated

No de pièce ZXTNS618MC
Description  20V NPN LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTNS618MC Fiches technique(HTML) 6 Page - Diodes Incorporated

Back Button ZXTNS618MC Datasheet HTML 2Page - Diodes Incorporated ZXTNS618MC Datasheet HTML 3Page - Diodes Incorporated ZXTNS618MC Datasheet HTML 4Page - Diodes Incorporated ZXTNS618MC Datasheet HTML 5Page - Diodes Incorporated ZXTNS618MC Datasheet HTML 6Page - Diodes Incorporated ZXTNS618MC Datasheet HTML 7Page - Diodes Incorporated ZXTNS618MC Datasheet HTML 8Page - Diodes Incorporated ZXTNS618MC Datasheet HTML 9Page - Diodes Incorporated ZXTNS618MC Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZXTNS618MC
Document Number DS31933 Rev. 2 - 2
6 of 10
www.diodes.com
January 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTNS618MC
Electrical Characteristics, Transistor @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
40
100
-
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 3)
V(BR)CEO
20
27
-
V
IC = 10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
7.5
8.2
-
V
IE = 100µA
Collector Cutoff Current
ICBO
-
-
25
nA
VCB = 32V
Emitter Cutoff Current
IEBO
-
-
25
nA
VEB = 6V
Collector Emitter Cutoff Current
ICES
-
-
25
nA
VCES = 16V
Static Forward Current Transfer Ratio
(Note 3)
hFE
200
300
200
100
400
450
360
180
-
-
-
-
-
IC = 10mA, VCE = 2V
IC = 200mA, VCE = 2V
IC = 2A, VCE = 2V
IC = 6A, VCE = 2V
Collector-Emitter Saturation Voltage
(Note 3)
VCE(sat)
-
-
-
-
-
8
90
115
190
210
15
150
135
250
270
mV
IC =0.1A, IB = 10mA
IC = 1A, IB = 10mA
IC = 2A, IB = 50mA
IC = 3A, IB = 100mA
IC = 4.5A, IB= 125mA
Base-Emitter Turn-On Voltage (Note 3)
VBE(on)
-
0.88
-0.95
V
IC = 4.5A, VCE = 2V
Base-Emitter Saturation Voltage (Note 3)
VBE(sat)
-
0.98
-1.05
V
IC= 4.5A, IB = -125mA
Output Capacitance
Cobo
-
23
30
pF
VCB = 10V. f = 1MHz
Transition Frequency
fT
100
140
-
MHz
VCE = 10V, IC = 50mA,
f = 100MHz
Turn-on Time
ton
-
170
-
ns
VCC=10V, IC=3A
IB1 = IB2 = 10mA
Turn-off Time
toff
-
400
-
ns
Electrical Characteristics, Schottky Diode @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
40
60
V
IR = -300µA
Forward Voltage (Note 3)
VF
-
-
-
-
-
-
-
-
240
265
305
355
390
425
495
420
270
290
340
400
450
500
600
-
mV
IF = 50mA
IF = 100mA
IF = 250mA
IF = 500mA
IF = 750mA
IF = 1000mA
IF = 1500mA
IF = 1000mA, TA = 100°C
Reverse Current
IR
-
50
100
µA
VR = 30V
Diode Capacitance
CD
-
25
-
pF
VR = 25V, f = 1MHz
Reverse Recovery Time
trr
-
12
-
ns
switched from
IF = 500mA to IR = 500mA
Measured at IR = 50mA
Notes:
3. Measured under pulsed conditions.


Numéro de pièce similaire - ZXTNS618MC

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
ZXTN04120HFF ZETEX-ZXTN04120HFF Datasheet
442Kb / 8P
   120V, SOT23F, NPN medium power Darlington transistor
logo
Diodes Incorporated
ZXTN04120HFF DIODES-ZXTN04120HFF Datasheet
455Kb / 8P
   120V, SOT23F, NPN medium power Darlington transistor
logo
Zetex Semiconductors
ZXTN04120HFFTA ZETEX-ZXTN04120HFFTA Datasheet
442Kb / 8P
   120V, SOT23F, NPN medium power Darlington transistor
logo
Diodes Incorporated
ZXTN04120HFFTA DIODES-ZXTN04120HFFTA Datasheet
455Kb / 8P
   120V, SOT23F, NPN medium power Darlington transistor
ZXTN04120HK DIODES-ZXTN04120HK Datasheet
271Kb / 7P
   120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN TO252
More results

Description similaire - ZXTNS618MC

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZX3CD2S1M832 DIODES-ZX3CD2S1M832 Datasheet
482Kb / 9P
   20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD3S1M832 DIODES-ZX3CD3S1M832 Datasheet
478Kb / 9P
   40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Zetex Semiconductors
ZX3CDBS1M832 ZETEX-ZX3CDBS1M832 Datasheet
358Kb / 9P
   MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Diodes Incorporated
ZX3CD1S1M832 DIODES-ZX3CD1S1M832 Datasheet
484Kb / 9P
   12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Zetex Semiconductors
ZX3CD1S1M832 ZETEX-ZX3CD1S1M832 Datasheet
350Kb / 9P
   12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD2S1M832 ZETEX-ZX3CD2S1M832 Datasheet
344Kb / 9P
   MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD3S1M832 ZETEX-ZX3CD3S1M832 Datasheet
346Kb / 9P
   MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Diodes Incorporated
ZXTDC3M832 DIODES-ZXTDC3M832 Datasheet
474Kb / 8P
   DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTC6719MC DIODES-ZXTC6719MC_15 Datasheet
225Kb / 9P
   DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTC6719MC DIODES-ZXTC6719MC Datasheet
226Kb / 9P
   DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com