Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72709 Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC72709
Description  FM Multiplex Reception IC for Mobile Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72709 Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LC72709 Datasheet HTML 2Page - Sanyo Semicon Device LC72709 Datasheet HTML 3Page - Sanyo Semicon Device LC72709 Datasheet HTML 4Page - Sanyo Semicon Device LC72709 Datasheet HTML 5Page - Sanyo Semicon Device LC72709 Datasheet HTML 6Page - Sanyo Semicon Device LC72709 Datasheet HTML 7Page - Sanyo Semicon Device LC72709 Datasheet HTML 8Page - Sanyo Semicon Device LC72709 Datasheet HTML 9Page - Sanyo Semicon Device LC72709 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
No. 5876-6/16
LC72709E, 72709W
• Layer 4 CRC Data Input Timing
Serial Control Data Input Settings
The input data consists of 16 bits (DI0 to DI15). The upper 8 bits (DI8 to DI15) are the control address and the lower 8
bits (DI0 to DI7) are the input data. Bits DI12 to DI15 are ignored.
• Number of Allowed BIC Errors
This IC’s synchronization circuit operates by recognizing a 16-bit BIC code. The number of allowed errors is the
number of allowed error bits in the 16 bits used for BIC recognition. This data item allows the forward protection mode
(used when synchronized) and the backward protection mode (used when not synchronized) values to be set
independently. The default value is to allow up to 2 error bits in both the forward and backward directions. We
recommend setting the backward protection mode number of allowable BIC errors to 1 or 0 if the block
synchronization recognition output (the BLOCK pin) is used to recognize the presence or absence of FM multiplex
data.
• Block Synchronization Error Protection Count
The synchronization protection count can be set independently in the forward and backward directions. The protection
count conditions are as follows.
— Backward protection (unsynchronized, BLOCK = low)
When the timing of the IC’s internal synchronization free-running counter matches that of the received BIC, the
protection count is incremented by 1. Similarly, if the IC internal counter and the received BIC do not match, the
counter is cleared to 0. The count timing is the timing of the IC internal counter.
— Forward protection (synchronized, BLOCK = high)
Operation is the opposite of the backward case, namely, the protection count is incremented when the timing of the
IC’s internal synchronization free-running counter does not match that of the received BIC, and the protection
count is cleared to zero when the timing matches.
Figure 1 shows the protection counter when both the forward and backward protection counts are set to 3.
This IC defines the protection counter value to be 1 at the point where a match or a mismatch occurs between the IC
internal timing and the received BIC timing. For example, a backward protection count of 2 corresponds to the case
where the IC internal timing and the received BIC timing match two times consecutively. To set the protection data to
new values, applications must send data in which 1 has been subtracted from the desired values, e.g. to set up protection
counts of 3 as shown in figure 1, applications must send the value 22H. Similarly, if the value set is 00, due to the
CRC4 pin output
Note: The N items are 8-bit units.
CRC4 output after N items transferred
Register
Address
Data
Default
DI11
DI10
DI9
DI8
setting
Number of allowable BIC errors
0
0
0
0
Upper 4 bits
Allowed error bits backward
2
Lower 4 bits
Allowed error bits forward
2
Number of block error protection states
0
0
0
1
Upper 4 bits
Block backward protection
1
Lower 4 bits
Block forward protection
7
Number of frame error protection states
0
0
1
0
Upper 4 bits
Frame backward protection
1
Lower 4 bits
Frame forward protection
7
Control register
0
0
1
1
See the control register description on page 8.
Continued on next page.


Numéro de pièce similaire - LC72709

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72700 SANYO-LC72700 Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700G SANYO-LC72700G Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
More results

Description similaire - LC72709

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
logo
Panasonic Semiconductor
AN7261FBQ PANASONIC-AN7261FBQ Datasheet
54Kb / 5P
   FM multiplex reception IC
logo
Sanyo Semicon Device
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LV3403M SANYO-LV3403M Datasheet
49Kb / 3P
   3 V Operation Filter for FM Multiplex Broadcasting Reception
logo
OKI electronic componet...
MSM9562 OKI-MSM9562 Datasheet
108Kb / 10P
   IC for FM Multiplex Data Demodulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com