Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72705E Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LC72705E
Description  FM Multiplex Receiver IC for VICS Systems
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72705E Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LC72705E Datasheet HTML 1Page - Sanyo Semicon Device LC72705E Datasheet HTML 2Page - Sanyo Semicon Device LC72705E Datasheet HTML 3Page - Sanyo Semicon Device LC72705E Datasheet HTML 4Page - Sanyo Semicon Device LC72705E Datasheet HTML 5Page - Sanyo Semicon Device LC72705E Datasheet HTML 6Page - Sanyo Semicon Device LC72705E Datasheet HTML 7Page - Sanyo Semicon Device LC72705E Datasheet HTML 8Page - Sanyo Semicon Device LC72705E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
No. 5744-2/14
LC72705E
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +7.0
V
Input voltage
VIN1
CE, CL, DI, RST, STNBY
–0.3 to +7.0
V
VIN2
Pins other than VIN1
–0.3 to VDD + 0.3
V
Output voltage
VOUT1
DO
–0.3 to +7.0
V
VOUT2
Pins other than VOUT1
–0.3 to VDD + 0.3
V
Output current
IOUT
BLOCK, FLOCK, DO
0 to 4.0
mA
Allowable power dissipation
Pd max
Ta
≤ 85°C
400
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
2.7
5.5
V
Input high-level voltage
VIH1
CL, CE, DI, RST, STNBY
0.7 VDD
5.5
V
VIH2
MSK
0.7 VDD
VDD
V
Input low-level voltage
VIL1
Applies to the same pins as VIH1
VSS
0.3 VDD
V
VIL2
Applies to the same pins as VIH2
VSS
0.3 VDD
V
Oscillator frequency
FOSC
This IC operates at frequencies within a
7.2
MHz
±250 ppm precision.
With a capacitance-coupled sine wave input
VXI
to XIN
400
1500
mVrms
Input sensitivity
VDD = +4.5 V to +5.5 V
With a capacitance-coupled sine wave input
VXI
to XIN
400
900
mVrms
VDD = +2.7 V to +3.6 V
[Serial I/O*]
Clock low-level time
tCL
CL
0.7
µs
Clock high-level time
tCH
CL
0.7
µs
Data setup time
tSU
CL, DI
0.7
µs
Data hold time
tHD
CL, DI
0.7
µs
CE wait time
tEL
CL, CE
0.7
µs
CE setup time
tES
CL, CE
0.7
µs
CE hold time
tEH
CL, CE
0.7
µs
Data latch change time
tLC
CE
0.7
µs
Data output time
tDDO
DO, CL
277
555
ns
Layer 4 CRC change time
tCRC
CRC4, CL
0.7
µs
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VOH1
IO = 1 mA, FILCK
VDD – 1.0
V
Output high-level voltage
VOH2
IO = 2 mA, BLOCK, FLOCK,
VDD – 0.4
V
INT, CLK16, DATA
VOL1
IO = 1 mA, applies to the same pins as VOH1
1.0
V
Output low-level voltage
VOL2
IO = 2 mA, applies to the same pins as VOH2
0.4
V
VOL3
IO = 2 mA, DO
0.4
V
Input high-level current
IIH1
VIN = 5.5 V, CE, CL, DI, RST, STNBY
1.0
µA
IIH2
VIN = VDD, input pins other than IIH1
1.0
µA
VIN = VSS, MSK, CL, CE, DI, RST,
Input low-level current
IIL
STNBY, TP0 to TP8, TPC1 to 2
–1
µA
TOSEL1 to 2, TEST
Output off leakage current
IOFF
VO = VDD, DO
5
µA
Hysteresis voltage
VHIS
MSK, CL, CE, DI, RST, STNBY
0.1 VDD
V
Internal feedback resistor
Rf
XIN, XOUT
1.0
M
Current drain
IDD
16
25
mA
Electrical Characteristics (1) at VDD = +4.5 to +5.5 V, in the allowable operating ranges
Note *: See the serial data timing chart.


Numéro de pièce similaire - LC72705E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72700 SANYO-LC72700 Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700G SANYO-LC72700G Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72706 SANYO-LC72706 Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72706E SANYO-LC72706E Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
More results

Description similaire - LC72705E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72709E SANYO-LC72709E Datasheet
194Kb / 16P
   FM Multiplex Reception IC for Mobile Systems
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com