Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72348W Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LC72348W
Description  Low-Voltage ETR Controller with On-Chip LCD Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72348W Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LC72348W Datasheet HTML 1Page - Sanyo Semicon Device LC72348W Datasheet HTML 2Page - Sanyo Semicon Device LC72348W Datasheet HTML 3Page - Sanyo Semicon Device LC72348W Datasheet HTML 4Page - Sanyo Semicon Device LC72348W Datasheet HTML 5Page - Sanyo Semicon Device LC72348W Datasheet HTML 6Page - Sanyo Semicon Device LC72348W Datasheet HTML 7Page - Sanyo Semicon Device LC72348W Datasheet HTML 8Page - Sanyo Semicon Device LC72348W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Note: * C(1), C(2), and C(3) must be connected even if an LCD is not used.
No. 6472-5/14
LC72348G/W, 72349G/W
DBR1
DBR2
DBR3
0.1 to 1
µF
0.1 to 1
µF
0.1 to 1
µF
C(C1)
C(C2)
DBR4
C(C3)
Notes: *1. The capacitors C(1), C(2), and C(3) must be connected to the DBR pins.
*2. VSENSE
When the VDD voltage drops, the VSENSE flag is set when that voltage is 1.75 V (typical). Applications can
check the VSENSE flag using the TST instruction. Battery or other power source depletion can be easily
measured by monitoring this flag.
Note that the voltage for VSENSE detection differs for the falling and rising directions. Thus, after the VSENSE
flag has been set due to a voltage drop, it will not be reset if the voltage rises by under 0.1 V.
VDD
t
1.9 V
1.6 V
→ SET
RESET
VDD
t
2.1 V
1.7 V
→RESET
SET
AA
7 pF
7 pF
FMIN
XIN
AMIN
TEST1, 2
XOUT VDD
DBR2
DBR1
DBR1
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
DBR3
DBR4
RES
RES
VSS
PA, PF
AGND
AIN
FMIN
XIN
AMIN
TEST1, 2
XOUT VDD
VSS
AGND
AIN
7pF
75 kHz
75 kHz
7pF
DBR2
DBR3
DBR4
VSENSE (1)
For a falling voltage
*3. Halt mode current measurement circuit
*4. Backup mode current measurement circuit
With all ports other than those specified above left open.
With output mode selected for PC and PD.
With segments S13 to S20 selected.
With all ports other than those specified above left open.
With output mode selected for PC and PD.
With segments S13 to S20 selected.
VSENSE (2)
For a rising voltage


Numéro de pièce similaire - LC72348W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
LC723482W SANYO-LC723482W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
LC723483W SANYO-LC723483W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
More results

Description similaire - LC72348W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
NEC
UPD16682 NEC-UPD16682 Datasheet
435Kb / 31P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Sanyo Semicon Device
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
logo
Sitronix Technology Co....
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com