Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC66566A Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LC66566A
Description  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66566A Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LC66566A Datasheet HTML 3Page - Sanyo Semicon Device LC66566A Datasheet HTML 4Page - Sanyo Semicon Device LC66566A Datasheet HTML 5Page - Sanyo Semicon Device LC66566A Datasheet HTML 6Page - Sanyo Semicon Device LC66566A Datasheet HTML 7Page - Sanyo Semicon Device LC66566A Datasheet HTML 8Page - Sanyo Semicon Device LC66566A Datasheet HTML 9Page - Sanyo Semicon Device LC66566A Datasheet HTML 10Page - Sanyo Semicon Device LC66566A Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Continued from preceding page.
Note: Pull-up MOS type: The output circuit includes a MOS transistor that pulls the pin up to VDD.
CMOS output: Complementary output.
OD output: Open-drain output.
No. 5488-7/27
LC66E5316
Continued on next page.
Pin
I/O
Overview
Output driver type
Options
State after a Standby mode
reset
operation
P80/DS0
P81/DS1
P82
P83
PC0
PC1
PC2/INV2I/
CE
PC3/INV2O/
DASEC
PD0/AN1/
INV3I
PD1/AN2/
INV3O
PD2/AN3/
INV4I
PD3/AN4/
INV4O
PE0/XT1
PE1/XT2
OSC1
OSC2
RES/VPP/
OE
TEST/
EPMOD
VDD
VSS
Dedicated output ports P80 to P83
• Output in 4-bit or 1-bit units
• The contents of the output latch are
input using input instructions.
• P80 is a data shaper input (options)
• P81 is a data shaper output (options)
I/O ports PC0 to PC3
• Output in 4-bit or 1-bit units
• Dedicated inverter circuits (option)
• Used as the control CE and DASEC
pin in EPROM mode.
Dedicated input ports PD0 to PD3
• Can be switched in software to function
as 16-value analog inputs.
• Dedicated inverter circuits (option)
Dedicated input ports and sub-oscillator
connections
System clock oscillator connections
When an external clock is used, leave
OSC2 open and connect the clock signal
to OSC1.
System reset input
• When the P33/HOLD pin is at the high
level, a low level input to the RES pin
will initialize the CPU.
• Used as the VPP/OE pin in EPROM
mode.
CPU test pin
This pin must be connected to VSS
during normal operation.
Power supply pins
O
I/O
I
I
I
O
I
I
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Only when the inverter circuit
option is selected:
• Pch: CMOS type
• Nch: Intermediate sink current
type
• CMOS or Pch OD
output
• Output level at
reset
• Data shaper
circuit
• CMOS or Nch OD
output
• Inverter circuits
Inverter circuits
Sub-oscillator/port
PE selection
Ceramic oscillator
or external clock
selection
High or low
(option)
H
Normal
input
Option
selection
Option
selection
Hold mode:
Output off
Halt mode:
Output
retained
Inverter
• Hold mode:
Output off
• Halt mode:
Output
continues
Hold
OSC stop
Halt
OSC cont
Hold mode:
Output off
Halt mode:
Output
retained


Numéro de pièce similaire - LC66566A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC66566A SANYO-LC66566A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66566A SANYO-LC66566A Datasheet
527Kb / 19P
   4-bit single-chip microcomputer with EPROM?
LC66566A SANYO-LC66566A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66566A SANYO-LC66566A Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66566A SANYO-LC66566A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
More results

Description similaire - LC66566A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC58E7008 SANYO-LC58E7008 Datasheet
486Kb / 17P
   On-Chip EPROM Microcomputer 4-Bit Single-Chip Microcontroller with LCD Driver, 16 Kbytes of EPROM and 2Kbits of RAM On-Chip
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com