Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC7215F Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC7215F
Description  MW/LW PLL Frequency Synthesizers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7215F Fiches technique(HTML) 6 Page - Sanyo Semicon Device

  LC7215F Datasheet HTML 1Page - Sanyo Semicon Device LC7215F Datasheet HTML 2Page - Sanyo Semicon Device LC7215F Datasheet HTML 3Page - Sanyo Semicon Device LC7215F Datasheet HTML 4Page - Sanyo Semicon Device LC7215F Datasheet HTML 5Page - Sanyo Semicon Device LC7215F Datasheet HTML 6Page - Sanyo Semicon Device LC7215F Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Data Input Timing
VIH = 2.0 to VDD,VIL =0to0.5 V
X’tal = 8.00 to 11.16 (typ) to 12.00 MHz
Data latch: Rising edge of CL
Item
Symbol
11.16 MHz crystal
Other crystal frequencies
Effective value
Enable setup time
tES
At least 12 µs
At least 2
× (1/fXtal × 62)
1/2 of the value
shown at left
Enable hold time
tEH
↑↑
Data setup time
tSU
↑↑
Data hold time
tHD
↑↑
Clock Low-level time
tLO
↑↑
Clock High-level time
tHI
↑↑
Rise time
tR
1 µs or less
1 µs or less
Fall time
tF
↑↑
LC7215, 7215F, 7215FM
No.3584-6/7


Numéro de pièce similaire - LC7215F

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72151V SANYO-LC72151V Datasheet
325Kb / 29P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
More results

Description similaire - LC7215F

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com