Moteur de recherche de fiches techniques de composants électroniques |
|
LC66558B Fiches technique(PDF) 9 Page - Sanyo Semicon Device |
|
LC66558B Fiches technique(HTML) 9 Page - Sanyo Semicon Device |
9 / 27 page • One of the following two options can be selected for P8, in bit units. 5. Inverter array circuit option One of the following options can be selected for each of the following port sets: P40/P41, P42/P43, PC2/PC3, PD0/PD1, and PD2/PD3. (PDs do not use option 1 because they are dedicated to inputs) No. 5488-9/27 LC66E5316 Option Circuit Conditions and notes 1. Open-drain output 2. Output with built-in pull- down resistor (CMOS output) Option Circuit Conditions and notes 1. Normal port I/O circuit 2. Inverter I/O circuit When the open-drain output type is selected When the built-in pull-up resistor output type is selected. The CMOS outputs (PC) and the pull-up MOS outputs (P4) are distinguished by the drive capacity of the p-channel transistor. If this option is selected, the I/O circuit is disabled by the DSB signal. Also note that the open-drain port output type option and the high level at reset option must be selected. DSB Output data DSB Output data DSB Output data Input data DSB Output data Input data DSB DSB Input Output Output data high Input data Output data high Input data |
Numéro de pièce similaire - LC66558B |
|
Description similaire - LC66558B |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |