Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXRS646 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADXRS646
Description  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXRS646 Fiches technique(HTML) 1 Page - Analog Devices

  ADXRS646 Datasheet HTML 1Page - Analog Devices ADXRS646 Datasheet HTML 2Page - Analog Devices ADXRS646 Datasheet HTML 3Page - Analog Devices ADXRS646 Datasheet HTML 4Page - Analog Devices ADXRS646 Datasheet HTML 5Page - Analog Devices ADXRS646 Datasheet HTML 6Page - Analog Devices ADXRS646 Datasheet HTML 7Page - Analog Devices ADXRS646 Datasheet HTML 8Page - Analog Devices ADXRS646 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High Stability, Low Noise
Vibration Rejecting Yaw Rate Gyroscope
Data Sheet
ADXRS646
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
12°/hr bias stability
Z-axis (yaw rate) response
0.01°/√sec angle random walk
High vibration rejection over wide frequency
Measurement range extendable to a maximum of ±450°/sec
10,000 g powered shock survivability
Ratiometric to referenced supply
6 V single-supply operation
−40°C to +105°C operation
Self-test on digital command
Ultrasmall and light (<0.15 cc, <0.5 gram)
Temperature sensor output
Complete rate gyroscope on a single chip
RoHS compliant
APPLICATIONS
Industrial applications
Severe mechanical environments
Platform stabilization
GENERAL DESCRIPTION
The ADXRS646 is a high performance angular rate sensor
(gyroscope) that offers excellent vibration immunity. Bias
stability is a widely-recognized figure of merit for high
performance gyroscopes, but in real-world applications,
vibration sensitivity is often a more significant performance
limitation and should be considered in gyroscope selection. The
ADXRS646 offers superior vibration immunity and acceleration
rejection as well as a low bias drift of 12°/hr (typical), enabling it
to offer rate sensing in harsh environments where shock and
vibration are present.
The ADXRS646 is manufactured using the Analog Devices,
Inc., patented high volume BiMOS surface-micromachining
process. An advanced, differential, quad sensor design provides
the improved acceleration and vibration rejection. The output
signal, RATEOUT, is a voltage proportional to angular rate
about the axis normal to the top surface of the package. The
measurement range is a minimum of ±250°/sec. The output is
ratiometric with respect to a provided reference supply. Other
external capacitors are required for operation.
A temperature output is provided for compensation techniques.
Two digital self-test inputs electromechanically excite the sensor
to test proper operation of both the sensor and the signal condi-
tioning circuits.
The ADXRS646 is available in a 7 mm × 7 mm × 3 mm CBGA
chip-scale package.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
VDD
AGND
PGND
AVCC
ST2
ST1
TEMP
VRATIO
ROUT
CP1
CP2
CP3
CP4
CP5
SUMJ
RATEOUT
DEMOD
180kΩ ±1%
22nF
100nF
22nF
100nF
100nF
100nF
DRIVE
AMP
MECHANICAL
SENSOR
CHARGE PUMP
AND VOLTAGE
REGULATOR
COUT
6V
6V
3V TO 6V
(ADC REF)
AC
AMP
VGA
25kΩ
@ 25°C
ADXRS646
25kΩ
SELF-TEST


Numéro de pièce similaire - ADXRS646

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646BBGZ AD-ADXRS646BBGZ Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646BBGZ-RL AD-ADXRS646BBGZ-RL Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
More results

Description similaire - ADXRS646

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS649 AD-ADXRS649 Datasheet
261Kb / 12P
   Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
REV. 0
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com