Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72131M Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC72131M
Description  AM/FM PLL Frequency Synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72131M Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC72131M Datasheet HTML 1Page - Sanyo Semicon Device LC72131M Datasheet HTML 2Page - Sanyo Semicon Device LC72131M Datasheet HTML 3Page - Sanyo Semicon Device LC72131M Datasheet HTML 4Page - Sanyo Semicon Device LC72131M Datasheet HTML 5Page - Sanyo Semicon Device LC72131M Datasheet HTML 6Page - Sanyo Semicon Device LC72131M Datasheet HTML 7Page - Sanyo Semicon Device LC72131M Datasheet HTML 8Page - Sanyo Semicon Device LC72131M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CMOS LSI
Ordering number : EN4921B
62096HA (OT)/O3195HA (OT)/92294TH (OT) No. 4921-1/23
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
AM/FM PLL Frequency Synthesizer
LC72131, 72131M
Overview
The LC72131 and LC72131M are PLL frequency
synthesizers for use in tuners in radio/cassette players.
They allow high-performance AM/FM tuners to be
implemented easily.
Applications
PLL frequency synthesizer
Functions
• High speed programmable dividers
— FMIN: 10 to 160 MHz ..........pulse swallower
(built-in divide-by-two prescaler)
— AMIN: 2 to 40 MHz ..............pulse swallower
0.5 to 10 MHz ...........direct division
• IF counter
— IFIN:
0.4 to 12 MHz ...........AM/FM IF counter
• Reference frequencies
— Twelve selectable frequencies
(4.5 or 7.2 MHz crystal)
1, 3, 5, 9, 10, 3.125, 6.25, 12.5, 15, 25, 50 and 100 kHz
• Phase comparator
— Dead zone control
— Unlock detection circuit
— Deadlock clear circuit
• Built-in MOS transistor for forming an active low-pass
filter
• I/O ports
— Dedicated output ports: 4
— Input or output ports: 2
— Support clock time base output
• Serial data I/O
— Support CCB format communication with the
system controller.
• Operating ranges
— Supply voltage........................4.5 to 5.5 V
— Operating temperature............–40 to +85°C
• Packages
— DIP22S/MFP20
Package Dimensions
unit: mm
3059-DIP22S
unit: mm
3036B-MFP20
SANYO: DIP22S
[LC72131]
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
SANYO: MFP20
[LC72131M]


Numéro de pièce similaire - LC72131M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
LC72131K SANYO-LC72131K Datasheet
223Kb / 22P
   PLL Frequency Synthesizer
logo
ON Semiconductor
LC72131K ONSEMI-LC72131K Datasheet
228Kb / 22P
   PLL Frequency Synthesizer
June, 2013
logo
Sanyo Semicon Device
LC72131KM SANYO-LC72131KM Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
LC72131KMA SANYO-LC72131KMA Datasheet
223Kb / 22P
   PLL Frequency Synthesizer
More results

Description similaire - LC72131M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72130 SANYO-LC72130 Datasheet
306Kb / 22P
   AM/FM PLL Frequency Synthesizer
LC72132 SANYO-LC72132 Datasheet
451Kb / 23P
   AM/FM PLL Frequency Synthesizer?
logo
STMicroelectronics
TDA7326 STMICROELECTRONICS-TDA7326 Datasheet
184Kb / 16P
   AM-FM RADIO FREQUENCY SYNTHESIZER
July 1994
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
   AM / FM - PLL
logo
List of Unclassifed Man...
U4289BM ETC-U4289BM Datasheet
134Kb / 10P
   AM / FM - PLL
logo
TEMIC Semiconductors
U4283BM TEMIC-U4283BM Datasheet
152Kb / 9P
   AM / FM - PLL
U4280BM TEMIC-U4280BM Datasheet
172Kb / 9P
   AM / FM - PLL
U4286BM TEMIC-U4286BM Datasheet
113Kb / 9P
   AM / FM-PLL
logo
NTE Electronics
NTE1534 NTE-NTE1534 Datasheet
20Kb / 2P
   Integrated Circuit CMOS, Phase Lock Loop (PLL) Frequency Synthesizer for AM/FM Radio
logo
STMicroelectronics
TDA7427A STMICROELECTRONICS-TDA7427A Datasheet
160Kb / 21P
   AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com