Moteur de recherche de fiches techniques de composants électroniques |
|
SM843001-212KATR Fiches technique(PDF) 3 Page - Micrel Semiconductor |
|
SM843001-212KATR Fiches technique(HTML) 3 Page - Micrel Semiconductor |
3 / 7 page Micrel, Inc. SM843001-212 October 2010 3 M9999-100410-A hbwhelp@micrel.com or (408) 955-1690 Absolute Maximum Ratings (1) Supply Voltage (VDDA, VDD,) ........................................+4.6V Input Voltage (VIN)................................ −0.50V to VDD+0.5V LVPECL Output Current (IOUT) Continuous ..................................................................50mA Surge.........................................................................100mA Lead Temperature (soldering, 20sec.)....................... 260°C Case Temperature ..................................................... 115°C Storage Temperature (Ts) .........................−65°C to +150°C Operating Ratings (2) Supply Voltage (VIN)............................. +2.375V to +3.465V Ambient Temperature (TA) .......................... –40°C to +85°C Junction Thermal Resistance TSSOP ( θJA)(Still Air).......................................141°C/W DC Electrical Characteristics (3) VDD = VDDA = 3.3V ±5%; TA = –40°C to +85°C, unless noted. Symbol Parameter Condition Min. Typ. Max. Units VDD Core Supply Voltage 3.135 3.30 3.465 V VDDA Analog Supply Voltage 3.135 3.30 3.465 V IDDA Analog Supply Current 48 60 mA IEE Total Supply Current No load 87 110 mA VDD = VDDA = 2.5V ±5%; TA = –40°C to +85°C, unless noted. Symbol Parameter Condition Min. Typ. Max. Units VDD Core Supply Voltage 2.375 2.50 2.625 V VDDA Analog Supply Voltage 2.375 2.50 2.625 V IDDA Analog Supply Current 48 60 mA IEE Total Supply Current No load 80 100 mA LVPECL DC Electrical Characteristics (3)(4) VDD = VDDA = 2.5V ±5% or 3.3V ±5%, TA = –40°C to +85°C, unless noted. Symbol Parameter Condition Min. Typ. Max. Units VOH Output High Voltage 50Ω to VDD − 2V VDD – 1.145 VDD – 0.97 VDD – 0.845 V VOL Output Low Voltage 50Ω to VDD-2V VDD – 1.945 VDD – 1.77 VDD – 1.645 V VSWING Peak-to-Peak Output Voltage Swing 0.6 0.8 1.0 V Notes: 1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings. 3. The circuit is designed to meet the DC specifications shown in the above tables after thermal equilibrium has been established with a transverse airflow greater than 500 lfpm. 4. See Figure 4 for load test circuit example. |
Numéro de pièce similaire - SM843001-212KATR |
|
Description similaire - SM843001-212KATR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |