Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC66566A Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC66566A
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66566A Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC66566A Datasheet HTML 1Page - Sanyo Semicon Device LC66566A Datasheet HTML 2Page - Sanyo Semicon Device LC66566A Datasheet HTML 3Page - Sanyo Semicon Device LC66566A Datasheet HTML 4Page - Sanyo Semicon Device LC66566A Datasheet HTML 5Page - Sanyo Semicon Device LC66566A Datasheet HTML 6Page - Sanyo Semicon Device LC66566A Datasheet HTML 7Page - Sanyo Semicon Device LC66566A Datasheet HTML 8Page - Sanyo Semicon Device LC66566A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Pin Assignments
We recommend the use of reflow-soldering techniques to solder-mount QFP packages.
Please consult with your Sanyo representative for details on process conditions if the package itself is to be directly
immersed in a dip-soldering bath (dip-soldering techniques).
No. 5483-3/25
LC662304A, 662306A, 662308A, 662312A, 662316A
1
DIP42S
P20/SI0
2
P21/SO0
3
P22/SCK0
4
P23/INT0
5
P30/INT1
6
P31/POUT0
7
P32/POUT1
8
VSS
9
OSC1
10
OSC2
11
VDD
12
RES
13
PE0
14
PE1
15
TEST
16
P33/HOLD
17
P40/INV01
18
P41/INV00
19
P42/INV11
20
P43/INV10
21
P50
42
P13
41
P12
40
P11
39
P10
38
P03
37
P02
36
P01
35
P00
34
PD3/INV30
LC662304A
2306A
2308A
2312A
2316A
33
PD2/INV31
32
PD1/INV20
31
PD0/INV21
30
PC3
29
PC2
28
P63/PIN1
27
P62/DT
26
P61
25
P60/ML
24
P53/INT2
23
P52
22
P51
QFP48E
LC662304A
2306A
2308A
2312A
2316A
36
37
P03
1
35
2
34
3
33
4
32
5
31
6
30
7
29
8
28
9
27
10
26
11
25
12
24
P61
38
P10
23
P60/ML
39
P11
22
P53/INT2
40
P12
21
P52
41
P13
20
P51
42
NC
19
NC
43
NC
18
NC
44
P20/SI0
17
P50
45
P21/SO0
16
P43/INV1O
46
P22/SCK0
15
P42/INV1I
47
P23/INT0
14
P41/INV0O
48
P30/INT1
13
P40/INV0I
Top view


Numéro de pièce similaire - LC66566A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC66566A SANYO-LC66566A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66566A SANYO-LC66566A Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66566A SANYO-LC66566A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66566A SANYO-LC66566A Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66566A SANYO-LC66566A Datasheet
617Kb / 24P
   4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
More results

Description similaire - LC66566A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com