Moteur de recherche de fiches techniques de composants électroniques |
|
LC66404A Fiches technique(PDF) 3 Page - Sanyo Semicon Device |
|
LC66404A Fiches technique(HTML) 3 Page - Sanyo Semicon Device |
3 / 27 page Pin Assignments We recommend the use of reflow-soldering techniques to solder-mount QFP packages. Please consult with your Sanyo representative for details on process conditions if the package itself is to be directly immersed in a dip-soldering bath (dip-soldering techniques). No. 5487-3/27 LC66P2316 1 DIP42S P20/SI0/A0 2 P21/SO0/A1 3 P22/SCK0/A2 4 P23/INT0/A3 5 P30/INT1/A4 6 P31/POUT0/A5 7 P32/POUT1/A6 8 VSS 9 OSC1 10 OSC2 11 VDD 12 RES/VPP/OE 13 PE0 14 PE1 15 TEST/EPMOD 16 P33/HOLD 17 P40/INV0I/A7 18 P41/INV0O/A8 19 P42/INV1I/A9 20 P43/INV1O/A10 21 P50/A11 42 P13/D7 41 P12/D6 40 P11/D5 39 P10/D4 38 P03/D3 37 P02/D2 36 P01/D1 35 P00/D0 34 PD3/INV3O LC66P2316 33 PD2/INV3I 32 PD1/INV2O 31 PD0/INV2I 30 PC3/DASEC 29 PC2/CE 28 P63/PIN1 27 P62/DT 26 P61 25 P60/ML 24 P53/INT2/TA 23 P52/A13 22 P51/A12 QFP48E LC66P2316 36 37 P03/D3 1 35 2 34 3 33 4 32 5 31 6 30 7 29 8 28 9 27 10 26 11 25 12 24 P61/DP 38 P10/D4 23 P60/ML 39 P11/D5 22 P53/TA 40 P12/D6 21 P52/A13 41 P13/D7 20 P51/A12 42 NC 19 NC 43 NC 18 NC 44 P20/SI0/A0 17 P50/A11 45 P21/SO0/A1 16 P43/INV10/A10 46 P22/SCK0/A2 15 P42/INV11/A9 47 P23/INT0/A3 14 P41/INV00/A8 48 P30/INT1/A4 13 P40/INV01/A7 Top view |
Numéro de pièce similaire - LC66404A |
|
Description similaire - LC66404A |