Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC66E2108 Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LC66E2108
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66E2108 Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LC66E2108 Datasheet HTML 3Page - Sanyo Semicon Device LC66E2108 Datasheet HTML 4Page - Sanyo Semicon Device LC66E2108 Datasheet HTML 5Page - Sanyo Semicon Device LC66E2108 Datasheet HTML 6Page - Sanyo Semicon Device LC66E2108 Datasheet HTML 7Page - Sanyo Semicon Device LC66E2108 Datasheet HTML 8Page - Sanyo Semicon Device LC66E2108 Datasheet HTML 9Page - Sanyo Semicon Device LC66E2108 Datasheet HTML 10Page - Sanyo Semicon Device LC66E2108 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
User Options
1. Port 0, 1, 4, and 5 output level at reset option
The output levels at reset for I/O ports 0, 1, 4, and 5 in independent 4-bit groups, can be selected from the following
two options.
2. Oscillator circuit options
• Main clock
Note: There is no RC oscillator option.
3. Watchdog timer option
A runaway detection function (watchdog timer) can be selected as an option.
4. Port output type options
• The output type of each bit (pin) in ports P0, P1, P2, P3 (except for the P33/HOLD pin), P4, P5, P6, and PC can be
selected individually from the following two options.
No. 5483-7/25
LC662304A, 662306A, 662308A, 662312A, 662316A
Option
Circuit
Conditions and notes
1. External clock
2. Ceramic oscillator
The input has Schmitt characteristics
Option
Conditions and notes
1. Output high at reset
The four bits of ports 0, 1, 4, or 5 are set in a group
2. Output low at reset
The four bits of ports 0, 1, 4, or 5 are set in a group
Option
Circuit
Conditions and notes
1. Open-drain output
2. Output with built-in pull-up
resistor
The port P2, P3, P5, and P6 inputs have Schmitt
characteristics.
The port P2, P3, P5, and P6 inputs have Schmitt
characteristics.
The CMOS outputs (ports P2, P3, P6, and PC)
and the pull-up MOS outputs (P0, P1, P4, and
P5) are distinguished by the drive capacity of the
p-channel transistor.
OSC1
OSC1
OSC2
C1
C2
Ceramic oscillator
DSB
Output data
Input data
DSB
Output data
Input data


Numéro de pièce similaire - LC66E2108

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC66E2108 SANYO-LC66E2108 Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66E2108 SANYO-LC66E2108 Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66E2108 SANYO-LC66E2108 Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66E2108 SANYO-LC66E2108 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2108 SANYO-LC66E2108 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

Description similaire - LC66E2108

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com