Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R8C35M Fiches technique(PDF) 12 Page - Renesas Technology Corp

No de pièce R8C35M
Description  household appliances, office equipment, audio equipment, consumer equipment
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C35M Fiches technique(HTML) 12 Page - Renesas Technology Corp

Back Button R8C35M Datasheet HTML 8Page - Renesas Technology Corp R8C35M Datasheet HTML 9Page - Renesas Technology Corp R8C35M Datasheet HTML 10Page - Renesas Technology Corp R8C35M Datasheet HTML 11Page - Renesas Technology Corp R8C35M Datasheet HTML 12Page - Renesas Technology Corp R8C35M Datasheet HTML 13Page - Renesas Technology Corp R8C35M Datasheet HTML 14Page - Renesas Technology Corp R8C35M Datasheet HTML 15Page - Renesas Technology Corp R8C35M Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
R8C/35M Group
2. Central Processing Unit (CPU)
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0021EJ0020 Rev.0.20
Page 12 of 54
Feb 15, 2011
2.1
Data Registers (R0, R1, R2, and R3)
R0 is a 16-bit register for transfer, arithmetic, and logic operations. The same applies to R1 to R3. R0 can be split
into high-order bits (R0H) and low-order bits (R0L) to be used separately as 8-bit data registers. R1H and R1L are
analogous to R0H and R0L. R2 can be combined with R0 and used as a 32-bit data register (R2R0). R3R1 is
analogous to R2R0.
2.2
Address Registers (A0 and A1)
A0 is a 16-bit register for address register indirect addressing and address register relative addressing. It is also
used for transfer, arithmetic, and logic operations. A1 is analogous to A0. A1 can be combined with A0 and as a 32-
bit address register (A1A0).
2.3
Frame Base Register (FB)
FB is a 16-bit register for FB relative addressing.
2.4
Interrupt Table Register (INTB)
INTB is a 20-bit register that indicates the starting address of an interrupt vector table.
2.5
Program Counter (PC)
PC is 20 bits wide and indicates the address of the next instruction to be executed.
2.6
User Stack Pointer (USP) and Interrupt Stack Pointer (ISP)
The stack pointers (SP), USP and ISP, are each 16 bits wide. The U flag of FLG is used to switch between
USP and ISP.
2.7
Static Base Register (SB)
SB is a 16-bit register for SB relative addressing.
2.8
Flag Register (FLG)
FLG is an 11-bit register indicating the CPU state.
2.8.1
Carry Flag (C)
The C flag retains carry, borrow, or shift-out bits that have been generated by the arithmetic and logic unit.
2.8.2
Debug Flag (D)
The D flag is for debugging only. Set it to 0.
2.8.3
Zero Flag (Z)
The Z flag is set to 1 when an arithmetic operation results in 0; otherwise to 0.
2.8.4
Sign Flag (S)
The S flag is set to 1 when an arithmetic operation results in a negative value; otherwise to 0.
2.8.5
Register Bank Select Flag (B)
Register bank 0 is selected when the B flag is 0. Register bank 1 is selected when this flag is set to 1.
2.8.6
Overflow Flag (O)
The O flag is set to 1 when an operation results in an overflow; otherwise to 0.


Numéro de pièce similaire - R8C35M

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
More results

Description similaire - R8C35M

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C3NT RENESAS-R8C3NT Datasheet
589Kb / 58P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
   Domestic appliances, office equipment etc
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
   office machine household use equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com