Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4040 Fiches technique(PDF) 9 Page - Micrel Semiconductor

No de pièce LM4040
Description  Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040 Fiches technique(HTML) 9 Page - Micrel Semiconductor

Back Button LM4040_05 Datasheet HTML 5Page - Micrel Semiconductor LM4040_05 Datasheet HTML 6Page - Micrel Semiconductor LM4040_05 Datasheet HTML 7Page - Micrel Semiconductor LM4040_05 Datasheet HTML 8Page - Micrel Semiconductor LM4040_05 Datasheet HTML 9Page - Micrel Semiconductor LM4040_05 Datasheet HTML 10Page - Micrel Semiconductor LM4040_05 Datasheet HTML 11Page - Micrel Semiconductor LM4040_05 Datasheet HTML 12Page - Micrel Semiconductor LM4040_05 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
March 2005
9
M9999-031805
LM4040/4041
Micrel, Inc.
LM4041-1.2 Electrical Characteristics (Note 4)
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades C and D designate initial Reverse Break-
down Voltage tolerance of ±0.5% and ± 1.0%, respectively.
LM4041DIM3
Typical
Limits
Units
Symbol
Parameter
Conditions
(Note 5)
(Note 6)
(Limit)
VR
Reverse Breakdown Voltage
IR = 100µA
1.225
V
Reverse Breakdown Voltage
IR = 100µA
±12
mV (max)
Tolerance
(Note 7)
±24
mV (max)
IRMIN
Minimum Operating Current
45
µA
65
µA (max)
70
µA (max)
ΔVR/ΔT
Average Reverse Breakdown
IR = 10mA
±20
ppm/°C
Voltage Temperature
IR = 1mA
±15
±150
ppm/°C (max)
Coefficient
IR = 100µA
±15
ppm/°C (max)
ΔVR/ΔIR Reverse Breakdown Voltage
IRMIN ≤ IR 1mA
0.7
mV
Change with Operating
2.0
mV (max)
Current Change
2.5
mV (max)
1mA ≤ IR 15mA
2.5
mV
8.0
mV (max)
10.0
mV (max)
ZR
Reverse Dynamic Impedance
IR = 1mA, f = 120Hz
0.5
Ω
IAC = 0.1 IR
2.0
Ω (max)
eN
Wideband Noise
IR = 100µA
10Hz ≤ f ≤ 10kHz
20
µVRMS
ΔVR
Reverse Breakdown Voltage
t = 1000hrs
Long Term Stability
T = 25°C ±0.1°C
120
ppm
IR = 100µA
Note 4. Specification for packaged product only.
Note 5. Typicals are at TJ = 25°C and represent most likely parametric norm.
Note 6. Limits are 100% production tested at 25°C. Limits over temperature are guaranteed through correlation using Statistical Quality Control (SQL)
methods.
Note 7. The boldface (over temperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Volt-
age Tolerance ±[(ΔVR/ΔT)(65°C)(VR)]. ΔVR/ΔT is the VR temperature coefficient, 65°C is the temperature range from –40°C to the reference
point of 25°C, and VR is the reverse breakdown voltage. The total over temperature tolerance for the different grades follows:
C-grade: ±1.15% = ±0.5% ±100ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150ppm/°C × 65°C
Example: The C-grade LM4040-2.5 has an over temperature Reverse Breakdown Voltage tolerance of ±2.5 × 1.15% = ±29mV.


Numéro de pièce similaire - LM4040_05

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4040 NSC-LM4040_05 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
More results

Description similaire - LM4040_05

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com