Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2576 Fiches technique(PDF) 6 Page - Micrel Semiconductor

No de pièce LM2576
Description  52kHz Simple 3A Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2576 Fiches technique(HTML) 6 Page - Micrel Semiconductor

  LM2576_05 Datasheet HTML 1Page - Micrel Semiconductor LM2576_05 Datasheet HTML 2Page - Micrel Semiconductor LM2576_05 Datasheet HTML 3Page - Micrel Semiconductor LM2576_05 Datasheet HTML 4Page - Micrel Semiconductor LM2576_05 Datasheet HTML 5Page - Micrel Semiconductor LM2576_05 Datasheet HTML 6Page - Micrel Semiconductor LM2576_05 Datasheet HTML 7Page - Micrel Semiconductor LM2576_05 Datasheet HTML 8Page - Micrel Semiconductor LM2576_05 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
M9999-082605-B
6
August 2005
LM2576
Micrel, Inc.
Typical Performance Characteristics (continued) (Circuit of Figure 1)
Supply Current
INPUT VOLTAGE (V)
20
Measured at
Ground Pin
TJ = 25˚C
VOUT = 5V
18
16
14
12
10
8
6
4
0
10
203040
5060
ILOAD to 1A
Supply Current
vs. Duty Cycle
DUTY CYCLE (%)
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
0
20
40
60
80
100
VIN from 7V to 40V
ILOAD = 200 mA
JUNCTION TEMPERATURE (˚C)
200
150
100
50
0
-75
VIN = 12V
Standby
Quiescent Current
VIN = 40V
-50 -25
0 25 50 75 100 125 150
Current Limit
JUNCTION TEMPERATURE (˚C)
3
2
1
0
-75
VIN = 25V
INPUT VOLTAGE (V)
100
Efficiency
VOUT = 12V
-50 -25
0 25 50 75 100 125 150
95
90
85
80
75
70
65
60
200 mA
200 mA
VOUT = 3V
1A
0
5
10 15 20 25 30
35 40
Minimum Operating
Voltage
JUNCTION TEMPERATURE (˚C)
5.0
ILOAD = 200 mA
Line Regulation
INPUT VOLTAGE (V)
14
0
JUNCTION TEMPERATURE (˚C)
100
-100
-75
Feedback Pin Current
-50 -25 0
25 50 75 100 125 150
VOUT = 1.23V
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-75 -50 -25 0
25 50 75 100 125 150
12
10
8
6
4
2
0
-2
-4
-6
5
10
15202530
75
50
25
0
-25
-50
-75
JUNCTION TEMPERATURE (˚C)
+8
-8
-75
Oscillator Frequency
-50 -25
0 25 50 75 100 125 150
+6
+4
+2
0
-2
-4
--6
VIN = 12V
VIN = 40V
Normalized at 25˚C
Normalized to VIN = 10V
VOUT = 5V
ILOAD = 500mA
TJ = 25
VON/OFF = 5V
Switch
Saturation Voltage
SWITCH CURRENT (A)
1.2
-55˚C
1.0
0.8
0.6
0.4
0
0.2
0.4
0.6
0.8
1.0
25˚C
125˚C
150˚C
-40˚C
Dropout Voltage
JUNCTION TEMPERATURE (˚C)
2.0
-75 -50 -25
0 25 50 75 100 125 150
∆VOUT = 5%
RIND = 0.2Ω
ILOAD = 1A
ILOAD = 200 mA
1.5
1.0
0.5
0
Normalized
Output Voltage
JUNCTION TEMPERATURE (˚C)
100
75
50
25
0
-25
-50
-75
-100
-75 -50 -25
0
25 50 75 100 125 150
VIN = 12V
ILOAD = 200mA
Normalized to TJ = 25˚C
1A


Numéro de pièce similaire - LM2576_05

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

Description similaire - LM2576_05

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com