Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC6529L Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LC6529L
Description  4-Bit Microcomputer for Small-Scale Control Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC6529L Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LC6529L Datasheet HTML 6Page - Sanyo Semicon Device LC6529L Datasheet HTML 7Page - Sanyo Semicon Device LC6529L Datasheet HTML 8Page - Sanyo Semicon Device LC6529L Datasheet HTML 9Page - Sanyo Semicon Device LC6529L Datasheet HTML 10Page - Sanyo Semicon Device LC6529L Datasheet HTML 11Page - Sanyo Semicon Device LC6529L Datasheet HTML 12Page - Sanyo Semicon Device LC6529L Datasheet HTML 13Page - Sanyo Semicon Device LC6529L Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Continued from preceding page.
Electrical Characteristics at Ta = –40 to +85°C, VSS = 0 V, VDD = 3.0 to 6.0 V
Note: * The RC oscillator and external clock options require a Schmidt trigger configuration for OSC1.
No. 5117-10/39
LC6529N, LC6529F, LC6529L
Parameter
Symbol
Conditions
min
typ
max
Unit
[External clock conditions]
Frequency
text
200
4330
kHz
Pulse width
textH, textL
69
ns
Rise/fall times
textR, textF
50
[Oscillator guaranteed constants]
Cext
OSC1, OSC2: VDD = 4 to 6 V, Figure 2
220 ± 5%
pF
2-pin RC oscillator circuit
Cext
OSC1, OSC2: Figure 2
220 ± 5%
Rext
OSC1, OSC2: VDD = 4 to 6 V, Figure 2
4.7 ± 1%
k
Rext
OSC1, OSC2: Figure 2
12.0 ± 1%
Ceramic oscillator
Figure 3
See Table 1.
OSC1: If the clock frequency exceeds 1.444 MHz, use
the built-in 1/3 or 1/4 frequency divider. Figure 1
Parameter
Symbol
Conditions
min
typ
max
Unit
Open-drain (OD) configuration for port: With output
IIH1
N-channel transistor off. (Includes transistor’s leak
5.0
Input high level current
current.) VIN = 13.5 V
µA
IIH2
PE: Using port E configuration, VIN = VDD
1.0
IIH3
OSC1: Using external clock option, VIN = VDD
1.0
Open-drain (OD) configuration for port: With output
IIL1
N-channel transistor off. (Includes transistor’s leak
–1.0
current.) VIN = VSS
µA
Pull-up (PU) resistor configuration for port A or D:
IIL2
With output N-channel transistor off. (Includes
–220
–71.5
transistor’s leak current.) VIN = VSS
Input low level current
Pull-up (PU) resistor configuration for port C:
IIL3
With output N-channel transistor off. (Includes
–6.00
–2.17
mA
transistor’s leak current.) VIN = VSS
IIL4
PE: Using port E configuration, VIN = VSS
–1.0
IIL5
RES: VIN = VSS
–45
–10
µA
IIL6
OSC1: Using external clock option, VIN = VSS
–1.0
VOH1
Pull-up (PU) resistor configuration for port C:
VDD – 1.2
Output high level voltage
IOH = –300 µA, VDD = 4 to 6 V
V
VOH2
Pull-up (PU) resistor configuration for port C:
VDD – 0.5
IOH = –60 µA
VOL1
PA, PC, PD: IOL = 10 mA, VDD = 4 to 6 V
1.5
Output low level voltage
VOL2
PA, PC, PD: With IOL for each port less than or equal
0.4
V
to 1 mA, IOL = 1.8 mA
Hysteresis voltage
VHIS1
RES
0.1 VDD
V
VHIS2
OSC1*: Using RC oscillator or external clock option
0.1 VDD


Numéro de pièce similaire - LC6529L

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC6529L SANYO-LC6529L Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
More results

Description similaire - LC6529L

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
LC6538D SANYO-LC6538D Datasheet
758Kb / 28P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR LARGE-SCALE CONTROL-ORIENTED APPLICATIONS
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC651154N SANYO-LC651154N Datasheet
336Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com