Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC651204F Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LC651204F
Description  4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651204F Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LC651204F Datasheet HTML 7Page - Sanyo Semicon Device LC651204F Datasheet HTML 8Page - Sanyo Semicon Device LC651204F Datasheet HTML 9Page - Sanyo Semicon Device LC651204F Datasheet HTML 10Page - Sanyo Semicon Device LC651204F Datasheet HTML 11Page - Sanyo Semicon Device LC651204F Datasheet HTML 12Page - Sanyo Semicon Device LC651204F Datasheet HTML 13Page - Sanyo Semicon Device LC651204F Datasheet HTML 14Page - Sanyo Semicon Device LC651204F Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
LC651204N, 651202N
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
No. 5190-11/35
LC651204N/F/L, LC651202N/F/L
Parameter
Symbol
Conditions
Applicable pins/notes
Ratings
Unit
Maximum supply voltage VDD max
VDD
–0.3 to +7.0
V
Voltages up to any
Output voltage
VO
OSC2
generated voltage are
V
allowed.
Input voltage
VI (1)
OSC1 *1
–0.3 to VDD +0.3
V
VI (2)
TEST, RES
–0.3 to VDD +0.3
V
VIO (1)
PC0 to 3, PD0 to 3, PE0, 1, PF0 to 3
OD specification ports
–0.3 to + 15
V
I/O voltage
VIO (2)
PC0 to 3, PD0 to 3, PE0, 1, PF0 to 3
PU specification ports
–0.3 to VDD +0.3
V
VIO (3)
PA0 to 3, PG0 to 3
–0.3 to VDD +0.3
V
Peak output current
IOP
I/O ports
–2 to +20
mA
IOA
Average value per pin over a 100-ms period
I/O ports
–2 to +20
mA
Σ I
OA
(1)
Total current for pins PC0 to 3, PD0 to 3, and
PC0 to PC3
PE0 to 1*2
PD0 to PD3
–15 to +100
mA
Average output current
PE0 to PE1
Σ I
OA
(2)
Total current for pins PF0 to 3, PG0 to 3, and
PF0 to PF3
PA0 to 3*2
PG0 to PG3
–15 to +100
mA
PA0 to PA3
Allowable power
Pd max (1) Ta = –40 to +85°C (DIP package)
250
mW
dissipation
Pd max (2) Ta = –40 to +85°C (MFP package)
150
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Allowable Operating Ranges at Ta = –40 to 85°C, VSS = 0 V, VDD = 3.0 to 5.5 V (unless otherwise specified)
Parameter
Symbol
Conditions
Applicable pins/notes
Ratings
min
typ
max
Unit
Operating power-supply
V
DD
V
DD
3.0
5.5
V
voltage
Standby power-supply
V
ST
RAM and register values retained *3
V
DD
1.8
5.5
V
voltage
V
IH (1)
Output n-channel transistors off
OD specification ports C, D, E,
0.7 V
DD
13.5
V
and F
V
IH (2)
Output n-channel transistors off
PU specification ports C, D, E,
0.7 V
DD
V
DD
V
and F
VIH (3)
Output n-channel transistors off
Port A, G
0.7 VDD
VDD
V
Input high-level voltage
V
IH (4)
Output n-channel transistors off
The INT, SCK, and SI pins with
0.8 V
DD
13.5
V
OD specifications
V
IH (5)
Output n-channel transistors off
The INT, SCK, and SI pins with
0.8 V
DD
V
DD
V
PU specifications
VIH (6)
VDD = 1.8 to 5.5 V
RES
0.8 VDD
VDD
V
VIH (7)
External clock specifications
OSC1
0.8 VDD
VDD
V
Continued on next page.


Numéro de pièce similaire - LC651204F

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC651204F SANYO-LC651204F Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
More results

Description similaire - LC651204F

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651154N SANYO-LC651154N Datasheet
336Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651432N SANYO-LC651432N Datasheet
374Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com