Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA208X-800B Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce BTA208X-800B
Description  3Q Hi-Com Triac High voltage capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208X-800B Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button BTA208X-800B Datasheet HTML 5Page - NXP Semiconductors BTA208X-800B Datasheet HTML 6Page - NXP Semiconductors BTA208X-800B Datasheet HTML 7Page - NXP Semiconductors BTA208X-800B Datasheet HTML 8Page - NXP Semiconductors BTA208X-800B Datasheet HTML 9Page - NXP Semiconductors BTA208X-800B Datasheet HTML 10Page - NXP Semiconductors BTA208X-800B Datasheet HTML 11Page - NXP Semiconductors BTA208X-800B Datasheet HTML 12Page - NXP Semiconductors BTA208X-800B Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BTA208X-800B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 03 — 3 February 2011
9 of 13
NXP Semiconductors
BTA208X-800B
3Q Hi-Com Triac
8.
Package outline
Fig 13. Package outline SOT186A (TO-220F)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT186A
3-lead TO-220F
0
5
10 mm
scale
Plastic single-ended package; isolated heatsink mounted;
1 mounting hole; 3-lead TO-220 'full pack'
SOT186A
A
A1
Q
c
K
j
Notes
1. Terminal dimensions within this zone are uncontrolled.
2. Both recesses are
∅ 2.5 × 0.8 max. depth
D
D1
L
L2
L1
b1
b2
e1
e
b
w M
1
23
q
E
P
T
UNIT
D
b1
D1
e
q
Q
P
L
c
L2
(1)
max.
e1
A
5.08
3
mm
4.6
4.0
A1
2.9
2.5
b
0.9
0.7
1.1
0.9
b2
1.4
1.0
0.7
0.4
15.8
15.2
6.5
6.3
E
10.3
9.7
2.54
14.4
13.5
T
(2)
2.5
0.4
L1
3.30
2.79
j
2.7
1.7
K
0.6
0.4
2.6
2.3
3.0
2.6
w
3.2
3.0
DIMENSIONS (mm are the original dimensions)
02-04-09
06-02-14
mounting
base


Numéro de pièce similaire - BTA208X-800B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA208X-800B PHILIPS-BTA208X-800B Datasheet
50Kb / 6P
   Three quadrant triacs high commutation
October 1999
BTA208X-800B PHILIPS-BTA208X-800B Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA208X-800B WEEN-BTA208X-800B Datasheet
304Kb / 13P
   3Q Hi-Com Triac
logo
Inchange Semiconductor ...
BTA208X-800B ISC-BTA208X-800B Datasheet
217Kb / 1P
   isc Triacs
More results

Description similaire - BTA208X-800B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA204S-1000C NXP-BTA204S-1000C Datasheet
667Kb / 15P
   3Q Hi-Com Triac High blocking voltage capability
Rev. 1-6 June 2011
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA204W-600E WEEN-BTA204W-600E Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA316-800E WEEN-BTA316-800E Datasheet
237Kb / 13P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com