Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1113D125 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce ADC1113D125
Description  Dual 11-bit ADC; serial JESD204A interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1113D125 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button ADC1113D125_11 Datasheet HTML 2Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 3Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 4Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 5Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 6Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 7Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 8Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 9Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ADC1113D125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 10 February 2011
6 of 41
NXP Semiconductors
ADC1113D125
Dual 11-bit ADC; serial JESD204A interface
9.
Static characteristics
Table 5.
Static characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA
analog supply voltage
2.85
3.0
3.4
V
VDDD
digital supply voltage
1.65
1.8
1.95
V
IDDA
analog supply current
fclk = 125 Msps;
fi =70MHz
-343
-
mA
IDDD
digital supply current
fclk = 125 Msps;
fi =70MHz
-150
-
mA
Ptot
total power dissipation
fclk = 125 Msps
-
1270
-
mW
P
power dissipation
Power-down mode
-
30
-
mW
Standby mode
-
200
-
mW
Clock inputs: pins CLKP and CLKM (AC-coupled)
Low-Voltage Positive Emitter-Coupled Logic (LVPECL)
Vi(clk)dif
differential clock input
voltage
peak-to-peak
-
±1.6
-
V
SINE
Vi(clk)dif
differential clock input
voltage
peak-to-peak
-
±3.0
-
V
Low Voltage Complementary Metal Oxide Semiconductor (LVCMOS)
VIL
LOW-level input voltage
-
-
0.3VDDA
V
VIH
HIGH-level input voltage
0.7VDDA
--
V
Logic inputs, Power-down: pins CFG0 to CFG3, SCRAMBLER, SWING_0, SWING_1, and RESET
VIL
LOW-level input voltage
-
0
-
V
VIH
HIGH-level input voltage
-
0.66VDDD
-V
IIL
LOW-level input current
−6-
+6
μA
IIH
HIGH-level input current
−30
-
+30
μA
SPI: pins CS, SDIO, and SCLK
VIL
LOW-level input voltage
0
-
0.3VDDA
V
VIH
HIGH-level input voltage
0.7VDDA
-VDDA
V
IIL
LOW-level input current
−10
-
+10
μA
IIH
HIGH-level input current
−50
-
+50
μA
CI
input capacitance
-
4
-
pF


Numéro de pièce similaire - ADC1113D125_11

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ADC1113D125HN-C1 IDT-ADC1113D125HN-C1 Datasheet
589Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1113D125HN/C1 NXP-ADC1113D125HN/C1 Datasheet
314Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
More results

Description similaire - ADC1113D125_11

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ADC1113D125 RENESAS-ADC1113D125 Datasheet
593Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113D125 IDT-ADC1113D125 Datasheet
589Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125 Datasheet
314Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
ADC1113S125 NXP-ADC1113S125 Datasheet
659Kb / 38P
   Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Renesas Technology Corp
ADC1113S125 RENESAS-ADC1113S125 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113S125 IDT-ADC1113S125 Datasheet
698Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Renesas Technology Corp
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com